Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 338 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 338 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 334Page - STMicroelectronics STM32U595AI Datasheet HTML 335Page - STMicroelectronics STM32U595AI Datasheet HTML 336Page - STMicroelectronics STM32U595AI Datasheet HTML 337Page - STMicroelectronics STM32U595AI Datasheet HTML 338Page - STMicroelectronics STM32U595AI Datasheet HTML 339Page - STMicroelectronics STM32U595AI Datasheet HTML 340Page - STMicroelectronics STM32U595AI Datasheet HTML 341Page - STMicroelectronics STM32U595AI Datasheet HTML 342Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 377 page
background image
Electrical characteristics
STM32U59xxx
338/377
DS13633 Rev 1
5.3.42
SAI characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized inTable 32, with the following configuration:
•
Output speed set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling range 1
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (SCK, SD, FS).
Table 146. SAI characteristics(1)
Symbol
Parameter
Conditions
Min Max Unit
fMCK
SAI main clock
output
--
50
MHz
fSCK
SAI clock
frequency(2)
Master transmitter, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
26
Master transmitter, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
18
Master receiver, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
21.5
Slave transmitter, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
27.5
Slave transmitter, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
18
Slave receiver, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
50
tv(FS)
FS valid time
Master mode, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
16
ns
Master mode 1.71 V ≤ VDDIOX ≤ 3.6 V
-
23
th(FS)
FS hold time
Master mode
7
-
tsu(FS)
FS setup time
Slave mode
2.5
-
th(FS)
FS hold time
Slave mode
1
-
tsu(SD_A_MR) Data input
setup time
Master receiver
4
-
tsu(SD_B_SR)
Slave receiver
3
-
th(SD_A_MR) Data input hold
time
Master receiver
2
-
th(SD_B_SR)
Slave receiver
1
-
tv(SD_B_ST)
Data output
valid time
Slave transmitter (after enable edge), 2.7 V ≤ VDDIOX ≤ 3.6 V
-
18
Slave transmitter (after enable edge), 1.71 V ≤ VDDIOX ≤ 3.6 V
-
27.5
th(SD_B_ST)
Data output
hold time
Slave transmitter (after enable edge)
8
-
tv(SD_A_MT)
Data output
valid time
Master transmitter (after enable edge), 2.7 V ≤ VDDIOX ≤ 3.6 V
-
19
Master transmitter (after enable edge), 1.71 V ≤ VDDIOX ≤ 3.6 V
-
27.5
th(SD_A_MT)
Data output
hold time
Master transmitter (after enable edge)
8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com