Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 150 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 146Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 147Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 148Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 149Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 150Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 151Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 152Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 153Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 278 page
background image
1. Evaluated by characterization. Not tested in production.
Table 49. Current consumption in Stop 0 mode on SMPS
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD(Stop 0)
Supply current in Stop 0 mode,
regulator in Range 4,
RTC disabled,
8-Kbyte SRAM2 + ICACHE
retained
1.8
26.0
73.0
215
400
945
78.0
220
650
1200
2900
µA
2.4
23.5
64.5
190
375
735
71.0
200
570
1200
2300
3.0
20.5
55.0
160
320
625
62.0
170
480
960
1900
3.3
19.5
52.0
150
300
590
59.0
160
450
900
1800
3.6
19.0
50.5
145
290
560
57.0
160
440
870
1700
Supply current in Stop 0 mode,
regulator in Range 4,
RTC disabled,
All SRAM retained
1.8
28.5
78.0
235
455
1050
86.0
240
710
1400
3200
2.4
25.5
68.5
200
405
795
77.0
210
600
1300
2400
3.0
22.0
58.5
170
340
675
66.0
180
510
1100
2100
3.3
21.0
55.5
160
325
635
63.0
170
480
980
2000
3.6
20.5
53.5
155
310
605
62.0
170
470
930
1900
1. Evaluated by characterization. Not tested in production.
Table 50. Current consumption in Stop 1 mode on LDO
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD (Stop 1)
Supply current in Stop 1 mode,
RTC disabled,
8-Kbyte SRAM2 + ICACHE
retained
1.8
41.5
130
385
770
1500
130
390
1200
2400
4500
µA
2.4
44.5
130
385
770
1500
140
390
1200
2400
4500
3.0
47.0
130
385
775
1500
150
390
1200
2400
4500
3.3
46.0
130
390
775
1500
140
390
1200
2400
4500
3.6
45.5
135
390
780
1500
140
410
1200
2400
4500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com