Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 153 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 149Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 150Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 151Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 152Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 153Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 154Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 155Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 156Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 278 page
background image
IDD(Stop 1
with RTC)
Supply current in Stop 1 mode,
RTC(2) clocked by LSI 32 kHz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
26.0
73.0
215
400
945
78.0
220
650
1200
2900
µA
2.4
23.5
64.5
190
375
735
71.0
200
570
1200
2300
3.0
20.5
55.0
160
320
625
62.0
170
480
960
1900
3.3
19.5
52.0
150
300
590
59.0
160
450
900
1800
3.6
19.5
50.5
145
290
565
59.0
160
440
870
1700
Supply current in Stop 1 mode,
RTC(2) clocked by LSE
bypassed at 32768 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
22.0
60.0
210
310
910
66.0
180
630
930
2800
2.4
23.5
63.0
185
365
710
71.0
190
560
1100
2200
3.0
20.5
54.0
155
310
605
62.0
170
470
930
1900
3.3
19.5
51.0
145
295
570
59.0
160
440
890
1800
3.6
19.5
49.5
140
280
545
59.0
150
420
840
1700
Supply current in Stop 1 mode,
RTC(2) clocked by LSE quartz
in low-drive mode,
LSESYSEN = 0 in RCC_BDCR,
8-Kbyte SRAM2 + ICACHE
retained
1.8
26.0
73.0
215
400
945
-
-
-
-
-
2.4
23.5
64.5
190
375
735
-
-
-
-
-
3.0
20.5
55.0
160
320
625
-
-
-
-
-
3.3
19.5
52.0
150
300
590
-
-
-
-
-
3.6
19.5
50.5
145
290
565
-
-
-
-
-
1. Evaluated by characterization. Not tested in production.
2. RTC with default configuration but RTC_CALR.LPCAL = 1.
Table 52. Current consumption in Stop 1 mode on SMPS (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com