Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 152 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 148Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 149Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 150Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 151Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 152Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 153Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 154Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 155Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 278 page
background image
Table 51. Current consumption during wake-up from Stop 1 mode on LDO
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V)
25°C
QDD(wakeup from Stop 1)
Electrical charge consumed during wake-up from
Stop 1 mode
Wake-up clock is MSI 24 MHz
3.0
2.08
nAs
Wake-up clock is HSI 16 MHz
2.03
Wake-up clock is MSI 1 MHz
4.80
Table 52. Current consumption in Stop 1 mode on SMPS
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD(Stop 1)
Supply current in Stop 1 mode,
RTC disabled,
8-Kbyte SRAM2 + ICACHE
retained
1.8
26.0
72.5
215
400
945
78.0
220
650
1200
2900
µA
2.4
23.5
64.0
185
375
735
71.0
200
560
1200
2300
3.0
20.0
54.5
160
320
625
60.0
170
480
960
1900
3.3
19.0
51.5
150
300
590
57.0
160
450
900
1800
3.6
19.0
50.0
145
285
560
57.0
150
440
860
1700
Supply current in Stop 1 mode,
RTC disabled,
All SRAMs retained
1.8
28.0
78.0
235
455
1000
84.0
240
710
1400
3000
2.4
25.0
68.5
200
405
795
75.0
210
600
1300
2400
3.0
21.5
58.0
170
340
675
65.0
180
510
1100
2100
3.3
20.5
55.0
160
320
635
62.0
170
480
960
2000
3.6
20.5
53.5
155
310
605
62.0
170
470
930
1900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com