Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3912 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST25R3912
Description  High performance HF reader / NFC initiator for payment applications with 1 W output power
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3912 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST25R3912 Datasheet HTML 41Page - STMicroelectronics ST25R3912 Datasheet HTML 42Page - STMicroelectronics ST25R3912 Datasheet HTML 43Page - STMicroelectronics ST25R3912 Datasheet HTML 44Page - STMicroelectronics ST25R3912 Datasheet HTML 45Page - STMicroelectronics ST25R3912 Datasheet HTML 46Page - STMicroelectronics ST25R3912 Datasheet HTML 47Page - STMicroelectronics ST25R3912 Datasheet HTML 48Page - STMicroelectronics ST25R3912 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 130 page
background image
DS11794 Rev 9
45/130
ST25R3912
Functional overview
66
Duration time: 25 μs max.
This command is accepted in case en (bit 7 of the Operation control register) is set and Xtal
oscillator frequency is stable.
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after command execution is
terminated.
Squelch
This direct command is intended to avoid demodulation problems of transponders that
produce a lot of noise during data processing. It can also be used in a noisy environment.
The operation of this command is explained in Squelch.
Duration time: 500 μs max.
This command is only accepted when the transmitter and the receiver are operating.
Command is actually executed only in case signal rx_on is low.
Direct command chaining is not possible.
IRQ due to termination of direct command is not produced.
Reset Rx gain
This command initializes the AGC, Squelch and RSSI block. Sending this command stops a
squelch process in case it is going on, clears the current Squelch setting and loads the
manual gain reduction from Receiver configuration register 4.
This command is accepted in case en (bit 7 of the Operation control register) is set and Xtal
oscillator frequency is stable.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
Adjust regulators
When this command is sent the power supply level of VDD is measured in maximum load
conditions and the regulated voltage reference is set 250 mV below this measured level to
ensure maximum possible stable regulated supply (see Section 1.2.10: Power supply
system). The use of this command increases the system PSSR.
At the beginning of execution of the command, both the receiver and transmitter are
switched on to have the maximum current consumption, and the regulators are set to their
maximum regulated voltage (5.1 V in case of 5 V supply and 3.4 V in case of 3.3 V supply).
After 300 μs VSP_RF is compared to VDD, if is not at least 250 mV lower the regulator setting
is reduced by one step (120 mV in case of 5 V supply and 100 mV in case of 3.3 V supply)
and measurement is done after another 300 μs. The procedure is repeated until VSP_RF
drops at least 250 mV below VDD, or until the minimum regulated voltage (3.9 V in case of
5 V supply and 2.4 V in case of 3.3 V supply) is reached.
Duration time: 5 ms max.
This command is accepted if en (bit 7 of the Operation control register) is set and Xtal
oscillator frequency is stable.
This command is not accepted when the external definition of the regulated voltage is
selected in the Regulator voltage control register(bit reg_s is set to H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com