Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3912 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST25R3912
Description  High performance HF reader / NFC initiator for payment applications with 1 W output power
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3912 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST25R3912 Datasheet HTML 24Page - STMicroelectronics ST25R3912 Datasheet HTML 25Page - STMicroelectronics ST25R3912 Datasheet HTML 26Page - STMicroelectronics ST25R3912 Datasheet HTML 27Page - STMicroelectronics ST25R3912 Datasheet HTML 28Page - STMicroelectronics ST25R3912 Datasheet HTML 29Page - STMicroelectronics ST25R3912 Datasheet HTML 30Page - STMicroelectronics ST25R3912 Datasheet HTML 31Page - STMicroelectronics ST25R3912 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 130 page
background image
Functional overview
ST25R3912
28/130
DS11794 Rev 9
Figure 7. ST25R3912 power supply
Figure 7 shows the building blocks of the ST25R3912 power supply system and the signals
that control it.
The power supply system contains three regulators, a power-down support block, a block
generating analog reference voltage (AGD) and a block performing automatic power supply
adjustment procedure. The three regulators are providing supply to analog blocks (VSP_A),
logic (VSP_D) and transmitter (VSP_RF). The use of VSP_A and VSP_D regulators is
mandatory at 5 V power supply to provide regulated voltage to analog and logic blocks that
only use 3.3 V devices. The use of VSP_A and VSP_D regulators at 3 V supply and
VSP_RF regulator at any supply voltage is recommended to improve system PSRR.
Regulated voltage can be adjusted automatically to have maximum possible regulated
voltage while still having good PSRR. All regulator pins also have corresponding negative
supply pins that are externally connected to ground potential (VSS). The reason for
separation is in decoupling of noise induced by voltage drops on the internal power supply
lines.
Figure 2 and Figure 3 show typical ST25R3912 application schematics with all regulators
used. All regulator pins and AGD voltage are buffered with capacitors. Recommended
blocking capacitor values are detailed in Table 4.
Regulators have two basic operation modes depending on supply voltage, 3.3 V supply
mode (max 3.6 V) and 5 V supply mode (max 5.5 V). The supply mode is set by writing bit
sup3 V in the IO configuration register 2. Default setting is 5 V, hence this bit has to be set to
one after power-up in case of 3.3 V supply.
MS42462V1
Power-down
support
sup3V
50 Ω
RV<3:0>
VSP_RF
REG
EN
BGR
and
AGC
AUTOREG
VSP_A
1 kΩ
VSP_D
AGD
reg 2Bh
reg 2Ah
VSP_A
REG
VSP_D
REG
adjust
VSP_RF
VDD
Table 4. Recommended blocking capacitor values
Pins
Recommended capacitors
AGD - VSS
1 μF, in parallel with 10 nF
VSP_A - VSN_A
VSP_D - VSN_D
2.2 μF, in parallel with 10 nF
2.2 μF, in parallel with 10 nF
VSP_RF - VSN_RF
2.2 μF, in parallel with 10 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com