Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3912 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST25R3912
Description  High performance HF reader / NFC initiator for payment applications with 1 W output power
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3912 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST25R3912 Datasheet HTML 9Page - STMicroelectronics ST25R3912 Datasheet HTML 10Page - STMicroelectronics ST25R3912 Datasheet HTML 11Page - STMicroelectronics ST25R3912 Datasheet HTML 12Page - STMicroelectronics ST25R3912 Datasheet HTML 13Page - STMicroelectronics ST25R3912 Datasheet HTML 14Page - STMicroelectronics ST25R3912 Datasheet HTML 15Page - STMicroelectronics ST25R3912 Datasheet HTML 16Page - STMicroelectronics ST25R3912 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
DS11794 Rev 9
13/130
ST25R3912
Functional overview
66
1.1.11
FIFO
The ST25R3912 contains a 96-byte FIFO. Depending on the mode, it contains either data
that has been received or data to be transmitted.
1.1.12
Control logic
The control logic contains I/O registers that define operation of device.
1.1.13
SPI
A 4-wire serial peripheral interface (SPI) is used for communication between the external
microcontroller and the ST25R3912.
1.2
Application information
The minimum configurations required to operate the ST25R3912 are shown in Figure 2 and
Figure 3.
Figure 2. Minimum configuration with single sided antenna driving (including EMC filter)
MS42436V2
ST25R3912
VDD
/SS
MISO
MOSI
SCLK
IRQ
MCU_CLK
RF01
RF02
RFI1
RFI2
MCU
2.4 to 5.5 V
AGD
VSS
VSP_A
VSP_RF
VSN_RF
VSN_A
VDD_IO
XTI
XTO
1.65 to 5.5 V
VSP_D
VSN_D
Antenna
coil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com