Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3912 Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST25R3912
Description  High performance HF reader / NFC initiator for payment applications with 1 W output power
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3912 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST25R3912 Datasheet HTML 90Page - STMicroelectronics ST25R3912 Datasheet HTML 91Page - STMicroelectronics ST25R3912 Datasheet HTML 92Page - STMicroelectronics ST25R3912 Datasheet HTML 93Page - STMicroelectronics ST25R3912 Datasheet HTML 94Page - STMicroelectronics ST25R3912 Datasheet HTML 95Page - STMicroelectronics ST25R3912 Datasheet HTML 96Page - STMicroelectronics ST25R3912 Datasheet HTML 97Page - STMicroelectronics ST25R3912 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 130 page
background image
ST25R3912
94/130
DS11794 Rev 9
1.3.33
A/D converter output register
Address: 20h
Type: R
1.3.34
Reserved register
Address: 21h
Type: R
Table 59. A/D converter output register(1)
Bit
Name
Default
Function
Comments
7ad7
-
Displays result of last A/D
conversion.
-
6ad6
-
5ad5
-
4ad4
-
3ad3
-
2ad2
-
1ad1
-
0ad0
-
1. At power-up and after Set default command, see Table 9, content of this register is set to 0.
Table 60. Reserved register
Bit
Name
Default
Function
Comments
7-
-
-
-
6-
-
-
-
5-
-
-
-
4-
-
-
-
3-
-
-
-
2-
-
-
-
1-
-
-
-
0-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com