Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3912 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST25R3912
Description  High performance HF reader / NFC initiator for payment applications with 1 W output power
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3912 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST25R3912 Datasheet HTML 43Page - STMicroelectronics ST25R3912 Datasheet HTML 44Page - STMicroelectronics ST25R3912 Datasheet HTML 45Page - STMicroelectronics ST25R3912 Datasheet HTML 46Page - STMicroelectronics ST25R3912 Datasheet HTML 47Page - STMicroelectronics ST25R3912 Datasheet HTML 48Page - STMicroelectronics ST25R3912 Datasheet HTML 49Page - STMicroelectronics ST25R3912 Datasheet HTML 50Page - STMicroelectronics ST25R3912 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 130 page
background image
DS11794 Rev 9
47/130
ST25R3912
Functional overview
66
Clear RSSI
The receiver automatically clears the RSSI bits in the RSSI display register and starts to
measure the RSSI of the received signal when the signal rx_on is asserted. Since the RSSI
bits store peak value (peak-hold type) the variations of the receiver input signal will not be
followed (this may happen in case of long messages or test procedures). The direct
command Clear RSSI clears the RSSI bits in the RSSI display register, and the RSSI
measurement is restarted (in case, of course, rx_on is still high).
This command is accepted in case en (bit 7 of the Operation control register) is set and Xtal
oscillator frequency is stable.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
Transparent mode
Enters in the Transparent mode. The Transparent mode is entered on the rising edge of
signal /SS and is maintained as long as this signal is kept high.
This command is accepted when en (bit 7 of the Operation control register) is set and Xtal
oscillator frequency is stable.
Measure power supply
This command performs the power supply measurement. Configuration bits mpsv1 and
mpsv0 of the Regulator voltage control register define which power supply is measured
(VDD,VSP_A, VSP_D and VSP_RF can be measured). Result of measurement is stored in
the A/D converter output register.
During the measurement the selected supply input is connected to a 1/3 resistive divider,
whose output is multiplexed to A/D converter in absolute mode. Due to division by 3, one
LSB represents 23.438 mV.
Duration time: 25 μs max.
This command is accepted in case en (bit 7 of the Operation control register) is set and Xtal
oscillator frequency is stable.
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after command execution is
terminated.
1.2.13
Start timers
See Section 1.2.6: Timers on page 23.
1.2.14
Test access
A direct command Test access is used to enable RW access of test registers and entry in
different test modes. Pins TO1 and TO2 are used as test pins.
Test mode entry and access to test registers
Test registers are not part of normal SPI register address space. After sending a direct
command Test access, test registers can be accessed using normal Read/Write register SPI
command. Access to test registers is possible in a chained command sequence where first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com