Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3912 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST25R3912
Description  High performance HF reader / NFC initiator for payment applications with 1 W output power
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3912 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST25R3912 Datasheet HTML 49Page - STMicroelectronics ST25R3912 Datasheet HTML 50Page - STMicroelectronics ST25R3912 Datasheet HTML 51Page - STMicroelectronics ST25R3912 Datasheet HTML 52Page - STMicroelectronics ST25R3912 Datasheet HTML 53Page - STMicroelectronics ST25R3912 Datasheet HTML 54Page - STMicroelectronics ST25R3912 Datasheet HTML 55Page - STMicroelectronics ST25R3912 Datasheet HTML 56Page - STMicroelectronics ST25R3912 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 130 page
background image
DS11794 Rev 9
53/130
ST25R3912
Functional overview
66
1.
Send REQA, if there is any answer continue
2.
Perform anticollision, and select one PICC
3.
Send HLTA to move the selected PICC to the HALT state
4.
Go to step 1, and repeat this procedure until all the PICCs are in HALT state and all the
UIDs have been extracted.
Anticollision procedure
After receiving the ATQA from the tags in the field, the next step is to execute the
anticollision procedure to resolve the IDs of the tags.
The procedure mainly uses the ANTICOLLISION and SELECT commands, which consist
of:
•
Select code SEL (1 byte)
•
Number of valid bits NVB (1 byte)
•
0 to 40 data bits of UID CLn according to the value of NVB
The ANTICOLLISION command uses bit oriented anticollision frame (it does not use CRC).
In this case the transmit needs to be done with direct command Transmit without CRC and
for the receive, the no_CRC_rx bit in the Auxiliary definition register must be set to 1. The
final SELECT command and its response SAK contains a CRC, so the transmit needs to be
done with command Transmit with CRC and before sending this command the configuration
bit no_CRC_rx bit in the Auxiliary definition register must be set back to 0.
If there is more than one PICC in the field, the collision will occur when the tags reply to the
ANTICOLLISION command during anticollision, when the PICCs reply back with their UID.
This collision can occur after a complete byte (Full byte scenario) or it can occur within a
byte (Split byte scenario). The antcl bit in ISO14443A and NFC 106kb/s settings register
must be set during this procedure too. As a result, the ST25R3912 does not trigger a
Framing Error. This bit is also responsible for correct timing of anticollision and correct parity
extraction.
Note:
It must only be set before sending an anticollision frame, REQA or WUPA. This bit must not
be used in any other commands.
Figure 22 shows how to implement the anticollision with ST25R3912.
Since SPI is byte oriented, in case of Split byte scenario, the invalid MSB bits must be
ignored when reading out the FIFO for the received data. Similarly, 0s must be
concatenated as MSB bits to complete a byte for the Transmit (which will then be ignored
based on register 0x1E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com