Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3912 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST25R3912
Description  High performance HF reader / NFC initiator for payment applications with 1 W output power
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3912 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST25R3912 Datasheet HTML 17Page - STMicroelectronics ST25R3912 Datasheet HTML 18Page - STMicroelectronics ST25R3912 Datasheet HTML 19Page - STMicroelectronics ST25R3912 Datasheet HTML 20Page - STMicroelectronics ST25R3912 Datasheet HTML 21Page - STMicroelectronics ST25R3912 Datasheet HTML 22Page - STMicroelectronics ST25R3912 Datasheet HTML 23Page - STMicroelectronics ST25R3912 Datasheet HTML 24Page - STMicroelectronics ST25R3912 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 130 page
background image
DS11794 Rev 9
21/130
ST25R3912
Functional overview
66
Default AGC settings are:
•
AGC is enabled
•
AGC operates during complete Rx process
•
algorithm with preset is used.
RSSI
The receiver also performs the RSSI (received signal strength indicator) measurement for
both channels. The RSSI measurement is started after the rising edge of rx_on. It stays
active as long as signal rx_on is high, it is frozen while rx_on is low. The RSSI is a peak hold
system, and the value can only increase from the initial zero value. Every time the AGC
reduces the gain the RSSI measurement is reset and starts from zero. Result of RSSI
measurements is a 4-bit value that can be observed by reading the RSSI display register.
The LSB step is 2.8 dB, and the maximum code is Dh (13d).
Since the RSSI measurement is of peak hold type the RSSI measurement result does not
follow any variations in the signal strength (the highest value will be kept). In order to follow
RSSI variations it is possible to reset the RSSI bits and restart the measurement by sending
the direct command Clear RSSI.
Receiver in NFCIP-1 active communication mode
There are several features built into the receiver to enable reliable reception of active
NFCIP-1 communication. All these settings are automatically preset by sending the direct
command Analog preset after the NFCIP-1 mode has been configured. In addition to the
filtering options, there are two NFCIP-1 active communication mode specific configuration
bits stored in the Receiver configuration register 3.
Bit lim enables clipping circuits that are positioned after the first and second gain stages.
The function of the clipping circuits is to limit the signal level for the following filtering stage
(when the NFCIP-1 peer is close the input signal level can be quite high).
Bit rg_nfc forces gain reduction of second and third filtering stage to -6 dB while keeping the
digitizer comparator window at maximum level.
1.2.4
Wake-up mode
Asserting the Operation control register bit wu while the other bits are set to 0 puts the
ST25R3912 in Wake-up mode, used to perform low power detection of card presence. The
ST25R3912 includes several possibilities of low power detection of a card presence ( phase
measurement, amplitude measurement). An integrated low power 32 kHz RC oscillator and
a register configurable Wake-up timer are used to schedule periodic detection.
Usually the presence of a card is detected by a so-called polling loop. In this process the
reader field is periodically turned on and the controller checks whether a card is present
using RF commands. This procedure consumes a lot of energy since the reader field has to
be turned on for 5 ms before a command can be issued.
Low power detection of card presence is performed by detecting a change in the reader
environment, produced by a card. When a change is detected, an interrupt is sent to the
controller. As a result, the controller can perform a regular polling loop.
In the Wake-up mode the ST25R3912 periodically performs the configured reader
environment measurements and sends an IRQ to the controller when a difference to the
configured reference value is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com