Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3920 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 41Page - STMicroelectronics ST25R3920 Datasheet HTML 42Page - STMicroelectronics ST25R3920 Datasheet HTML 43Page - STMicroelectronics ST25R3920 Datasheet HTML 44Page - STMicroelectronics ST25R3920 Datasheet HTML 45Page - STMicroelectronics ST25R3920 Datasheet HTML 46Page - STMicroelectronics ST25R3920 Datasheet HTML 47Page - STMicroelectronics ST25R3920 Datasheet HTML 48Page - STMicroelectronics ST25R3920 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 152 page
background image
DS13261 Rev 9
45/152
ST25R3920
Application information
151
FIFO water level and FIFO status registers, FIFO reset
The ST25R3920 features a 512 byte FIFO. The control logic shifts the data during
transmission, which was previously loaded by the external microcontroller to the framing
block and further to the transmitter. During reception, the demodulated data is stored in the
FIFO and the external microcontroller can receive data at a later moment.
The FIFO status register 2 also contains two bits that indicate that the FIFO was not
correctly served during TX/RX process (FIFO overflow and FIFO underflow).
A FIFO overflow is set when too many data are written into the FIFO. When this bit is set
during RX the external controller did not react on time on the water level IRQ and more than
512 bytes were written into the FIFO (including received CRC bytes). Consequently, the
received data is corrupted. When an overflow happens during TX, it means that the
controller has written more data than the FIFO size. The data to be transmitted is corrupted.
A FIFO underflow is set when data were read from an empty FIFO. When this bit is set
during RX the external controller read more data than was actually received. When an
underflow happens during TX, it means that the controller has failed to provide the quantity
of data defined in the number of transmitted bytes registers on time.
FIFO pointers and FIFO status are reset at the start of each data reception (at I_rxs). They
are also reset at Power-up and at commands Set Default and Clear FIFO. Reading out data
from empty/cleared fifo shows data = 0.
MCU_CLK
The pin MCU_CLK can be used as clock source for the external microcontroller. Depending
on the operation mode either a low frequency clock (32 kHz) from the RC oscillator or the
clock signal derived from crystal oscillator is available on pin MCU_CLK. The MCU_CLK
output pin is controlled by bits out_c<1:0> and lf_clk_off in the IO configuration register 1.
Bits out_c<1:0> enable the use of pin MCU_CLK as clock source and define the division
when the crystal oscillator is running (13.56, 6.78 and 3.39 MHz are available). Bit lf_clk_off
controls the use of low frequency clock (32 kHz) when the crystal oscillator is not running.
By default configuration, which is defined at power-up, the 3.39 MHz clock is selected and
the low frequency clock is enabled.
If the Transparent mode (see Section 4.4.13) is used the use of MCU_CLK is mandatory
since a clock synchronous with the field carrier frequency is needed to implement receive
and transmit framing in the external controller. The use of MCU_CLK is recommended also
when the internal framing is used. Using MCU_CLK as the microcontroller clock source
generates noise, synchronous with the reader carrier frequency and therefore filtered out by
the receiver, while using some other incoherent clock source can produce noise that
perturbs the reception. Use of MCU_CLK is also better for EMC compliance.
4.3.2
Communication interface selection
The active communication interface is selected via the I2C_EN pin. If this pin is pulled to
GND, the ST25R3920 operates in SPI mode. If this pin is pulled to VDD_D, the ST25R3920
operate in I2C mode.
4.3.3
Serial peripheral interface (SPI)
The ST25R3920 has a standard serial peripheral interface with clock polarity of 0, a clock
phase of 1, and an active low slave select signal. Communication starts with the MCU
pulling BSS low. The MOSI pin is samples on the falling edge of SCLK, and the state of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com