Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3920 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 12Page - STMicroelectronics ST25R3920 Datasheet HTML 13Page - STMicroelectronics ST25R3920 Datasheet HTML 14Page - STMicroelectronics ST25R3920 Datasheet HTML 15Page - STMicroelectronics ST25R3920 Datasheet HTML 16Page - STMicroelectronics ST25R3920 Datasheet HTML 17Page - STMicroelectronics ST25R3920 Datasheet HTML 18Page - STMicroelectronics ST25R3920 Datasheet HTML 19Page - STMicroelectronics ST25R3920 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 152 page
background image
Description
ST25R3920
16/152
DS13261 Rev 9
2.2.2
Receiver
The receiver detects card modulation superimposed on the 13.56 MHz carrier signal. The
receiver consists of two chains, built from a set of demodulators, followed by two gain and
filtering stages and a final digitizer stage. The demodulators can operate as AM/PM
demodulator or as I/Q demodulator. The filter characteristics can be adjusted to match the
selected RF mode and bit rate, to optimize performance (subcarrier frequencies from 212 to
848 kHz are supported). Apart from the filter stage, the receiver incorporates several other
features (AGC, squelch) that enable reliable operation in noisy conditions.
The receiver is connected to the antenna via the pins RFI1 and RFI2. The output of the
receiver is connected to the framing block that decodes the demodulated and digitized
subcarrier signal.
2.2.3
Phase and amplitude detector
The phase detector measures the phase difference between the transmitter output signals
(RFO1 and RFO2) and the receiver input signals (RFI1 and RFI2).
The amplitude detector measures the amplitude of the differential RF carrier signal between
the receiver inputs RFI1 and RFI2. This differential amplitude signal is directly proportional
to the amplitude of the RF signal on the antenna LC tank.
The phase and amplitude detectors are used for several purposes:
•
PM demodulation, by observing RFI1 and RFI2 phase variations (LF signal is fed to the
receiver)
•
Average phase difference between RFOx pins and RFIx pins, to check antenna tuning
•
Measure amplitude of signal present on pins RFI1 and RFI2, proportional to the
antenna voltage
2.2.4
Automatic antenna tuning (AAT)
The AAT block consists of two independent 8-bit D/A converters. These converters generate
a programmable voltage (from 0 to 3.3 V) to control external variable capacitors.
Note:
Using hardware based wake-up in combination with the automatic antenna tuning feature is
not recommended. Contact your nearest ST office for further support.
2.2.5
A/D converter
A built-in A/D converter, whose input can be multiplexed from different sources, is used for
the diagnostic functions and the low power card detection. The result of the A/D conversion
is stored in a register that can be read through the host interface.
2.2.6
Capacitive sensor
The capacitive sensor is used to implement low power detection of card presence. It
measures the capacitance between two copper patches connected to the CSI and CSO
pins. This capacitance changes with the presence of an object like a card, or a hand.
During calibration the reference capacitance (representing parasitic capacitance of the
environment) is stored. In the capacitive low power card detection mode the device
periodically measures the capacitance and compares the measured value to the stored
reference value. If the measured capacitance differs from the stored reference value by
more than a register defined threshold then an interrupt is sent to the external controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com