Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3920 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 31Page - STMicroelectronics ST25R3920 Datasheet HTML 32Page - STMicroelectronics ST25R3920 Datasheet HTML 33Page - STMicroelectronics ST25R3920 Datasheet HTML 34Page - STMicroelectronics ST25R3920 Datasheet HTML 35Page - STMicroelectronics ST25R3920 Datasheet HTML 36Page - STMicroelectronics ST25R3920 Datasheet HTML 37Page - STMicroelectronics ST25R3920 Datasheet HTML 38Page - STMicroelectronics ST25R3920 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 152 page
background image
DS13261 Rev 9
35/152
ST25R3920
Application information
151
Wake-up mode. When this command is sent the RC oscillator, which is used as clock
source for wake-up timer is started, timeout is defined by setting the Wake-up timer control
register. When the timer expires, an IRQ with the I_wt flag in the Error and wake-up interrupt
register is sent.
The WU timer is used in the Power-down mode, in which other timers cannot be used
because the crystal oscillator, which is the clock source for the other timers, is not running.
Note that the tolerance of wake-up timer timeout is defined by tolerance of the RC oscillator.
In NFCIP-1 passive target mode the WU timer is used for time out the temporary device
enable after the initial peer field on was detected.
4.2.8
A/D converter
The ST25R3920 contains an 8-bit successive approximation A/D converter. Inputs can be
multiplexed from different sources to be used in several direct commands and adjustment
procedures. The result of the last conversion is stored in the A/D converter output register.
Typical conversion time is 224/fc (16.5 µs).
The A/D converter has two operating modes, absolute and relative.
•
In absolute mode the low reference is 0 V and the high reference is 2 V. This means
that A/D converter input range is from 0 to 2V, 00h code means input is 0 V or lower,
FFh means that input is 2 V - 1 LSB or higher, LSB being 7.8125 mV.
•
In relative mode low reference is 1/11 of VDD_A and high reference is 10/11 of VDD_A,
so the input range is from 1/11 VDD_A to 10/11 VDD_A.
Relative mode is only used in phase measurement (phase detector output is proportional to
power supply). In all other cases absolute mode is used.
4.2.9
Phase and amplitude detector
This block is used to provide inputs to the A/D converter to perform measurements of
amplitude and phase, expected by direct commands Measure amplitude and Measure
phase.
Phase detector
The phase detector observes phase difference between the transmitter output signals
(RFO1 and RFO2) and the receiver input signals RFI1 and RFI2, proportional to the signal
on the antenna LC tank. These signals are first passed by digitizing comparators. Digitized
signals are processed by a phase detector with a strong low-pass filter characteristics to get
the average phase difference. The phase detector output is inversely proportional to the
phase difference between the two inputs. The 90° phase shift results in VDD_A/2 output
voltage, if both inputs are in phase the output voltage is VDD_A, if they are in opposite phase
the output voltage is 0 V. During execution of direct command Measure phase this output is
multiplexed to the A/D converter input (A/D converter is in relative mode during the
execution of this command). Since the A/D converter range is from 1/11 VDD_A to 10/11
VDD_A the actual phase detector range is from 17º to 163º. Figure 7 and Figure 8 show the
two inputs and output of phase detector in case of 90º and 135º phase shift, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com