Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3920 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 35Page - STMicroelectronics ST25R3920 Datasheet HTML 36Page - STMicroelectronics ST25R3920 Datasheet HTML 37Page - STMicroelectronics ST25R3920 Datasheet HTML 38Page - STMicroelectronics ST25R3920 Datasheet HTML 39Page - STMicroelectronics ST25R3920 Datasheet HTML 40Page - STMicroelectronics ST25R3920 Datasheet HTML 41Page - STMicroelectronics ST25R3920 Datasheet HTML 42Page - STMicroelectronics ST25R3920 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 152 page
background image
DS13261 Rev 9
39/152
ST25R3920
Application information
151
actual regulated voltage, which is result of direct command Adjust regulators, can be
observed.
The VDD_RF regulator includes a current limiter that limits the regulator current to
350 mArms in normal operation. The i_lim in the Regulator display register is set when the
VDD_RF regulator is in current limiting mode.
If a transmitter output current higher than 350 mArms is required the VDD_RF regulator
cannot be used to supply the transmitter. VDD_RF and VDD_DR have to be externally
connected to VDD_TX (connection of VDD_RF to supply voltage higher than VDD_TX is not
allowed).
The voltage drop of the transmitter current is the main source of the ST25R3920 power
dissipation. This voltage drop is composed of a drop in the transmitter driver and of a drop in
the VDD_RF regulator. Due to this it is recommended to set the regulated voltage using direct
command Adjust Regulators. It results in good power supply rejection ratio with relatively
low dissipated power due to regulator voltage drop.
In Power-down mode the VDD_RF regulator is not operating. VDD_RF pin is connected to
VDD_TX through a 1 kΩ resistor. Connection through resistors assures smooth power-up of
the system and a smooth transition from Power-down mode to other operating modes.
VDD_AM regulator
This regulator is used to support the transmitter AM modulation. Its output voltage is used as
transmitter supply during modulation phase. The output is internally connected to the
transmitter. It requires decoupling capacitors (2.2 µF + 1 nF) at VDD_AM pin.
VDD_DR is used as reference voltage, resulting in correct VDD_AM voltage and modulation
index at supply voltage between 2.4 and 5.5 V.
The output voltage and thus modulation setting is controlled by am_mod<3:0> option bits
from 5 to 30% in 16 steps.
In Power-down mode the VDD_AM regulator is not operating. VDD_AM pin is connected to
VDD_TX through 1 kΩ resistor, as in the VDD_RF regulator.
VDD_A and VDD_D regulators
VDD_A and VDD_D regulators are used to supply the ST25R3920 analog and digital blocks
respectively. In 3.3 V mode VDD_A and VDD_D regulator are set to the same regulated
voltage as the VDD_RF regulator, in 5 V mode VDD_A and VDD_D regulated voltage is fixed to
3.4 V.
The use of VDD_A and VDD_D regulators is mandatory in 5 V mode since analog and digital
blocks supplied with these two pins contain low voltage transistors which support maximum
supply voltage of 3.6 V. In 3.3 V supply mode the use of regulators is strongly recommended
to improve PSRR of analog processing.
For low cost applications it is possible to disable the VDD_D regulator and to supply digital
blocks through external short between VDD_A and VDD_D (configuration bit vspd_off in the
IO configuration register 2).
Power-down support block
In the Power-down mode the regulators are disabled to save current. In this mode a low
power Power-down support block that keeps VDD_D and VDD_A below 3.6 V is enabled.
Typical regulated voltage in this mode is 3.1 V at 5 V supply and 2.2 V at 3 V supply. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com