Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3920 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 27Page - STMicroelectronics ST25R3920 Datasheet HTML 28Page - STMicroelectronics ST25R3920 Datasheet HTML 29Page - STMicroelectronics ST25R3920 Datasheet HTML 30Page - STMicroelectronics ST25R3920 Datasheet HTML 31Page - STMicroelectronics ST25R3920 Datasheet HTML 32Page - STMicroelectronics ST25R3920 Datasheet HTML 33Page - STMicroelectronics ST25R3920 Datasheet HTML 34Page - STMicroelectronics ST25R3920 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 152 page
background image
DS13261 Rev 9
31/152
ST25R3920
Application information
151
4.2.5
Wake-up mode
Asserting the Operation control register bit wu while the other bits are set to 0 puts the
ST25R3920 into the Wake-up mode, used to perform low power detection of card presence.
The ST25R3920 features three possibilities, namely capacitive sensor, phase and
amplitude measurement. An integrated low power 32 kHz RC oscillator and register
configurable Wake-up timer are used to schedule periodic detection.
Usually the presence of a card is detected by a so-called polling. In this process the reader
field is periodically turned on and the controller checks whether a card is present using RF
commands. This procedure consumes a lot of energy since reader field has to be turned on
for 5 ms before a command can be issued.
Low power detection of card presence is performed by detecting a change in the reader
environment, produced by a card. When a change is detected, an interrupt is sent to the
controller. As a result, the controller can perform a regular polling loop.
In Wake-up mode the ST25R3920 periodically performs the configured reader environment
measurements, and sends an IRQ to the controller when a difference to the configured
reference value is detected.
Card detection
The presence of a card close to the reader antenna coil produces a change of the antenna
LC tank signal phase and amplitude. The reader field activation time needed to perform the
phase or the amplitude measurement is extremely short (~20 μs) compared to the activation
time needed to send a protocol activation command.
The power level during the measurement can be lower than that during normal operation as
the card does not have to be powered to produce a coupling effect. The emitted power can
be reduced by changing the RFO driver resistance.
The capacitive sensor detects a change of the parasitic capacitance between the two
excitation electrodes. This change in capacitance can be caused by a card antenna or a
hand holding the card (see Section 2.2.6: Capacitive sensor).
Registers from 32h to 3Eh are dedicated to Wake-up configuration and display. The Wake-
up timer control register is the main Wake-up mode configuration register. The timeout
period between the successive detections and the measurements to be used are selected in
this register. Timeouts in the range from 10 to 800 ms are available, 100 ms being the
default value.
Registers from 33h to 3Dh configure the possible detection measurements and store the
results, four registers are used for each method.
An IRQ is sent when the difference between a measured value and reference value is larger
than configured threshold value. There are two possibilities how to define the reference
value:
•
The ST25R3920 can calculate the reference based on previous measurements
(auto-averaging)
•
The controller determines the reference and stores it in a register.
The first register in the series of four is the Amplitude measurement configuration register.
The difference to reference, which triggers the IRQ, the method of reference value
definition, and the weight of last measurement result in case of auto-averaging are defined
in this register. The next register stores the reference value when the reference is defined by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com