Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3920 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 73Page - STMicroelectronics ST25R3920 Datasheet HTML 74Page - STMicroelectronics ST25R3920 Datasheet HTML 75Page - STMicroelectronics ST25R3920 Datasheet HTML 76Page - STMicroelectronics ST25R3920 Datasheet HTML 77Page - STMicroelectronics ST25R3920 Datasheet HTML 78Page - STMicroelectronics ST25R3920 Datasheet HTML 79Page - STMicroelectronics ST25R3920 Datasheet HTML 80Page - STMicroelectronics ST25R3920 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 152 page
background image
DS13261 Rev 9
77/152
ST25R3920
Application information
151
4.5.10
Stream mode definition register
Register space: A
Address: 09h
Type: RW
Table 31. Stream mode definition register
Bit
Name
Default
Function
Comments
7RFU
0
-
-
6
scf1
0
Refer to Table 32
Sub-carrier frequency definition for
Sub-carrier and BPSK stream mode.
5
scf0
0
4
scp1
0
scp1
scp0
Number of pulses
Number of sub-carrier pulses in report period
for Sub-carrier and BPSK stream mode.
0
0
1 (BPSK only)
0
1
2 (BPSK only)
3
scp0
0
10
4
11
8
2stx2
0
Refer to Table 33
Definition of time period for Tx modulator
control (for Sub-carrier and BPSK stream
mode).
1stx1
0
0stx0
0
Table 32. Sub-carrier frequency definition for Sub-carrier stream mode
scf1
scf0
Sub-carrier mode
BPSK mode
0
0
fc / 64 (212 kHz)
fc / 16 (848 kHz)
0
1
fc / 32 (424 kHz)
RFU
1
0
fc / 16 (848 kHz)
1
1
fc / 8 (1695 kHz)
Table 33. Definition of time period for Stream mode Tx modulator control
stx2
stx1
stx0
Time period
0
0
0
fc / 128 (106 kHz)
0
0
1
fc / 64 (212 kHz)
0
1
0
fc / 32 (424 kHz)
0
1
1
fc / 16 (848 kHz)
1X
X
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com