Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3920 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 60Page - STMicroelectronics ST25R3920 Datasheet HTML 61Page - STMicroelectronics ST25R3920 Datasheet HTML 62Page - STMicroelectronics ST25R3920 Datasheet HTML 63Page - STMicroelectronics ST25R3920 Datasheet HTML 64Page - STMicroelectronics ST25R3920 Datasheet HTML 65Page - STMicroelectronics ST25R3920 Datasheet HTML 66Page - STMicroelectronics ST25R3920 Datasheet HTML 67Page - STMicroelectronics ST25R3920 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 152 page
background image
Application information
ST25R3920
64/152
DS13261 Rev 9
Table 14. Test access register - Signal selection of CSI and CSO pins
tana3:0
(hex)
Pin CSI
Pin CSO
Comment
Type
Functionality
Type
Functionality
1A0
Analog output of AM
channel (before digitizer)
D0
Digital output of AM
channel (after digitizer)
Normal operation
(reader)
2A0
Analog output of PM
channel (before digitizer)
D0
Digital output of PM
channel (after digitizer)
3A0
Analog output of AM
channel (before digitizer)
A0
Analog output of PM
channel (before digitizer)
4A0
Analog output of AM
correlation signal
A0
Analog output of PM
correlation signal
5A0
Tag demodulator analog
D0
Tag demodulator OOK
digital out
Normal operation
(tag)
6A0
D0
Tag demodulator ASK
digital out
7A0
Analog voltage of phase
measurement
D0
Oscillator stable
Do not set when
measure amplitude
command is used
BD0
Digital output of AM
correlation data signal
D0
Digital output of AM
correlation collision/start
detection signal
-
CD0
Digital output of PM
correlation data signal
D0
Digital output of PM
correlation collision/start
detection signal
-
DA0
Analog output of AM
correlation signal
A0
Correlation digitizing
threshold for AM channel
-
EA0
Analog output of PM
correlation signal
A0
Correlation digitizing
threshold for PM channel
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com