Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3920 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 98Page - STMicroelectronics ST25R3920 Datasheet HTML 99Page - STMicroelectronics ST25R3920 Datasheet HTML 100Page - STMicroelectronics ST25R3920 Datasheet HTML 101Page - STMicroelectronics ST25R3920 Datasheet HTML 102Page - STMicroelectronics ST25R3920 Datasheet HTML 103Page - STMicroelectronics ST25R3920 Datasheet HTML 104Page - STMicroelectronics ST25R3920 Datasheet HTML 105Page - STMicroelectronics ST25R3920 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 152 page
background image
Application information
ST25R3920
102/152
DS13261 Rev 9
4.5.42
Number of transmitted bytes register 1
Register space: A
Address: 22h
Type: RW
4.5.43
Number of transmitted bytes register 2
Register space: A
Address: 23h
Type: RW
Table 68. Number of transmitted bytes register 1
Bit
Name
Default
Function
Comments
7ntx12
0
Number of full bytes to be
transmitted, MSB bits first.
Maximum supported number of bytes is 8191.
6ntx11
0
5ntx10
0
4ntx9
0
3ntx8
0
2ntx7
0
1ntx6
0
0ntx5
0
Table 69. Number of transmitted bytes register 2(1) (2)
Bit
Name
Default
Function
Comments
7ntx4
0
Number of full bytes to be
transmitted, MSB bits first.
Maximum supported number of bytes is 8191.
6ntx3
0
5ntx2
0
4ntx1
0
3ntx0
0
2
nbtx2
0
Number of bits to transmit after
the last full byte.
Set to 000 to transmit only full
bytes.
Bit transmission starts from LSB. Applicable for
ISO14443A:
– bit oriented anticollision frame when last byte is
a split byte
– Tx is done without parity bit generation
1
nbtx1
0
0
nbtx0
0
1. If anctl bit is set while card is in idle state and nbtx is not 000, then i_par will be triggered during REQA and WUPA direct
command is issued.
2. Transmission of short or incomplete messages only works for ISO-A/B using the command Transmit without CRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com