Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 9SQL4952
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4952 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 9SQL4952 Datasheet HTML 8Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 9Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 10Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 11Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 12Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 13Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 14Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 15Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
1 This is the current required to have the REF output running in Wake-on-LAN mode (Byte 3, bit 5 = 1).
1 This is the current required to have the REF output running in Wake-on-LAN mode (Byte 3, bit 5 = 1).
1 This is the current required to have the REF output running in Wake-on-LAN mode (Byte 3, bit 5 = 1).
Table 10. Current Consumption – 9SQL4952
Parameter
Symbol
Conditions
Minimum Typical Maximum Units Notes
Operating Supply
Current
IDDAOP VDDA, all outputs active at 100MHz.
13
17
mA
IDDOP
All VDD, except VDDA, all outputs active at100MHz.
18
23
mA
Wake-on-LAN Current
(Power down state and
Byte 3, bit 5 = '1')
IDDAPD VDDA, DIF outputs off, REF output running.
0.9
1.5
mA
1
IDDPD
All VDD, except VDDA, DIF outputs off, REF output
running.
5.7
8
mA
1
Power Down Current
(Power down state and
Byte 3, bit 5 = '0')
IDDAPD
VDDA, all outputs off.
0.9
1.5
mA
IDDPD
All VDD, except VDDA, all outputs off.
1.7
2.5
mA
Table 11. Current Consumption – 9SQL4954
Parameter
Symbol
Conditions
Minimum Typical Maximum Units Notes
Operating Supply
Current
IDDAOP VDDA, all outputs active at 100MHz.
13
17
mA
IDDOP
All other VDD, except VDDA, all outputs active
at100MHz.
30
39
mA
Wake-on-LAN Current
(Power down state and
Byte 3, bit 5 = '1')
IDDAPD
VDDA, DIF outputs off, REF output running.
0.9
1.5
mA
1
IDDPD
All other VDD, except VDDA, DIF outputs off, REF
output running.
5.9
8.0
mA
1
Power Down Current
(Power down state and
Byte 3, bit 5 = '0')
IDDAPD VDDA, all outputs off.
0.9
1.5
mA
IDDPD
All other VDD, except VDDA, all outputs off.
1.5
2.5
mA
Table 12. Current Consumption – 9SQL4958
Parameter
Symbol
Conditions
Minimum Typical Maximum Units Notes
Operating Supply
Current
IDDAOP VDDA, all outputs active at 100MHz.
14
19
mA
IDDOP
All VDD, except VDDA and VDDIO, all outputs active
at100MHz.
18
24
mA
IDDIOOP VDDIO, all outputs active at100MHz.
30
37
mA
Wake-on-LAN Current
(Power down state and
Byte 3, bit 5 = '1')
IDDAPD VDDA, DIF outputs off, REF output running.
0.9
1.5
mA
1
IDDPD
All VDD, except VDDA and VDDIO, DIF outputs off, REF
output running.
5.2
8
mA
1
IDDIOOP VDDIO, DIF outputs off, REF output running.
0.04
0.1
mA
1
Power Down Current
(Power down state and
Byte 3, bit 5 = '0')
IDDAPD VDDA, all outputs off.
0.9
1.5
mA
IDDPD
All VDD, except VDDA and VDDIO, all outputs off.
1.7
2.3
mA
IDDIOOP VDDIO, all outputs off.
0.04
0.1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com