Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 9SQL4952
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4952 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 9SQL4952 Datasheet HTML 12Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 13Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 14Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 15Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 16Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 17Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 18Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 19Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
16
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
Figure 5. Test Load for AC/DC Measurements
Figure 6. Test Setup for PCIe Clock Phase Jitter Measurements
Alternate Terminations
The device family can easily drive LVPECL, LVDS, and CML logic. See “AN-891 Driving LVPECL, LVDS, and CML Logic with IDT's
“Universal” Low-Power HCSL Outputs” for details.
Table 18. Terminations for AC/DC Measurements
Clock Source
Device Under Test (DUT)
Rs (Ω)
Zo (Ω)
L (cm)
CL (pF)
N/A
9SQL495x
Internal
85
12.7
2
Table 19. Terminations for PCIe Clock Phase Jitter Measurements
Clock Source
Device Under Test (DUT)
Rs (Ω)
Zo (Ω)
L (cm)
CL (pF)
N/A
9SQL495x
Internal
85
12.7
N/A
CK+
DUT
CK-
Zo (differential)
L
CL
CL
Test Points for
High Impedance
Probe
Oscillocope
(≥20GS/s)
SMA
Connectors
50
Coax
Cables
0.1uF
CKIN+
CK+
DUT
CKIN-
CK-
Zo (differential)
L
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com