Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 9SQL4952
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4952 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 9SQL4952 Datasheet HTML 21Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 22Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 23Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 24Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 25Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 26Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 27Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 28Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
25
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
Byte 17 is Reserved
Table 34. Byte 16: Pull-up Pull-down Control Register 3
Byte 16
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Pull-up(pd)/
Pull-down(pd) control
Type
RW
RW
0
00 = None
01 = pd
1
10 = pu
11 = pu+pd
Name
CKPWRGD_
PD_pu/pd[1]
CKPWRGD_
PD_pu/pd[0]
Default
0
010
0110
Table 35. Byte 18: Polarity Control Register 2
Byte 18
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Sets OE pin
polarity
Sets OE pin
polarity
Sets OE pin
polarity
Sets OE pin
polarity
Sets OE pin
polarity
Sets OE pin
polarity
Sets OE pin
polarity
Sets OE pin
polarity
Type
RW
RW
RW
RW
RW
RW
RW
RW
0
Output enabled when OE pin is low
1
Output enabled when OE pin is high
9SQL4958
Name
OE7_polarity
OE6_polarity
OE5_polarity
OE4_polarity
OE3_polarity
OE2_polarity
OE1_polarity
OE0_polarity
9SQL4958
Default
0
000
0000
9SQL4954
Name
Reserved
OE3_polarity
OE2_polarity
Reserved
OE1_polarity
Reserved
OE0_polarity
Reserved
9SQL4954
Default
0
000
0000
9SQL4952
Name
Reserved
Reserved
OE1_polarity
Reserved
OE0_polarity
Reserved
Reserved
Reserved
9SQL4952
Default
0
000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com