Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 9SQL4952
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4952 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 9SQL4952 Datasheet HTML 22Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 23Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 24Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 25Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 26Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 27Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 28Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 29Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
28
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
Ordering Information
“C” is the device revision designator (will not correlate with the datasheet revision).
“G” denotes Pb-free configuration, RoHS compliant.
Table 37. Ordering Information
Number of
Clock Outputs
Output
Impedance
Orderable Part
Number
Package
Temperature
Range
Part Number Suffix and Shipping Method
285
9SQL4952CNLGI
24-VFQFPN
-40°C to +85°C
None = Trays
“8” = Tape and Reel, Pin 1 Orientation: EIA-481C
(see Table 38 for more details)
9SQL4952CNLGI8
485
9SQL4954CNLGI
32-VFQFPN
9SQL4954CNLGI8
885
9SQL4958CNDGI
48-VFQFPN
9SQL4958CNDGI8
Table 38. Pin 1 Orientation in Tape and Reel Packaging
Part Number Suffix
Pin 1 Orientation
Illustration
8
Quadrant 1 (EIA-481-C)
USER DIRECTION OF FEED
Correct Pin 1 ORIENTATION
CARRIER TAPE TOPSIDE
(Round Sprocket Holes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com