Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 9SQL4952
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4952 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 9SQL4952 Datasheet HTML 10Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 11Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 12Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 13Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 14Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 15Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 16Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 17Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
1 Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is trimmed to 25.00MHz.
3 Default SMBus value.
4 When driven by a crystal.
Table 14. REF Output
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Units
Notes
Long Accuracy
ppm
See Tperiod min-max values.
0
ppm
1,2
Clock Period
Tperiod
REF output.
40
ns
2
High Output Voltage
VHIGH
IOH = -2mA.
0.8 x VDDREF
V
Low Output Voltage
VLOW
IOL = 2mA.
0.2 x VDDREF
V
Rise/Fall Slew Rate
trf1
Byte 3 = 1F, VOH = 0.8 × VDD,
VOL = 0.2 × VDD.
0.5
0.9
1.5
V/ns
1
trf1
Byte 3 = 5F, VOH = 0.8 × VDD,
VOL = 0.2 × VDD.
1.0
1.5
2.5
V/ns
1,3
trf1
Byte 3 = 9F, VOH = 0.8 × VDD,
VOL = 0.2 × VDD.
1.5
2.1
3.1
V/ns
1
trf1
Byte 3 = DF, VOH = 0.8 × VDD,
VOL = 0.2 × VDD.
2.0
2.7
3.8
V/ns
1
Duty Cycle
dt1X
VT = VDD/2 V.
45
49.7
55
%
1,4
Jitter, Cycle to Cycle
tjcyc-cyc
VT = VDD/2 V.
35
125
ps
1,4
Noise Floor
tjdBc1k
1kHz offset.
-145
-135
dBc
1,4
tjdBc10k
10kHz offset to Nyquist.
-150
-140
dBc
1,4
Jitter, Phase
tjphREF
12kHz to 5MHz, DIF SSC off.
0.13
0.3
ps (rms)
1,4
12kHz to 5MHz, DIF SSC on.
1.4
1.5
ps (rms)
1,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com