Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 9SQL4952
Description  3.3V PCIe® Gen1–5 and UPI Clock Generator Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQL4952 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 9SQL4952 Datasheet HTML 17Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 18Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 19Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 20Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 21Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 22Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 23Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 24Page - Renesas Technology Corp 9SQL4952 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
©2020 Renesas Electronics Corporation
February 19, 2020
9SQL4952/9SQL4954/9SQL4958 Datasheet
Bytes 8 and 9 are Reserved
Table 25. Byte 5: Revision and Vendor ID Register
Byte 5
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Revision ID
VENDOR ID
Type
RR
RRR
RRR
0
C rev = 0010
0001 = IDT/Renesas
1
Name
RID3
RID2
RID1
RID0
VID3
VID2
VID1
VID0
Table 26. Byte 6: Device Type/Device ID Register
Byte 6
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Device Type
Device ID
Type
RR
RRR
RRR
0
00 = 9SQL
9SQL4958 = 0b00100
9SQL4954 = 0b00100
9SQL4952 = 0b00010
1
Name
Device Type1
Device Type0
Device ID5
Device ID4
Device ID3
Device ID2
Device ID1
Device ID0
Table 27. Byte 7: Byte Count Register
Byte 7
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Reserved
Reserved
Reserved
Byte Count Programming
Type
RW
RW
RW
RW
RW
0
Writing to this register will configure how many bytes will be read back.
1
Name
BC4
BC3
BC2
BC1
BC0
Default
x
x
x
0
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com