Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT03-1SC3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # CLT03-1SC3
Description  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-1SC3 Datasheet(HTML) 5 Page - STMicroelectronics

  CLT03-1SC3 Datasheet HTML 1Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 2Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 3Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 4Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 5Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 6Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 7Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 8Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2.3
Electrical characteristics
Table 5. Electrical characteristics (-30 °C < Tambient < +125 °C, unless otherwise specified) (values)
Symbol
Description
Name
Min.
Typ.
Max.
Unit
Input
ILIM
Input current – On state
2.5
4
mA
IIN
Input current at VIN = 5 V
2.5
mA
VTLH
Low to High state input voltage
9.4
11
V
VTHL
High to Low state input voltage
5
7.5
V
VHYST
Input triggering voltage hysteresis
1.2
2.6
V
VFAULT
Fault mode threshold voltage
30
40
V
IFAULT
Input current in fault region VIN > VFAULT
1
2.5
mA
Timing parameters
fIN
Input frequency
35
kHz
tFAULT
Fault mode triggering latency after VIN > VFAULT
25
µs
tPLH
Input to output low to high propagation time (including deglitch filter)(1)
2
5
µs
tPHL
Input to output high to low propagation time (including deglitch filter) (1)
2
5
µs
Ouput
IOUT
On state
Isolated mode
2
4
mA
Non-isolated mode
1
mA
Off state
Isolated and non-isolated mode
-10
10
µA
VOUT
On state
Isolated mode
0.7
3.6
V
Non-isolated mode
3
3.6
V
Off state
Isolated and non-isolated mode
-0.3
0.4
V
ROUT
OUTP to OUTN internal equivalent output resistance (VINA - VINB = 0 V)
24
kΩ
RPD
OUTN to PD internal pull down resistor
2.85
4.25
kΩ
1. See Figure 10. tPLH and tPHL test condition
CLT03-2Q3, CLT03-1SC3
Electrical characteristics
DS12302 - Rev 13
page 5/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com