Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT03-1SC3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # CLT03-1SC3
Description  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-1SC3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button CLT03-1SC3 Datasheet HTML 2Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 3Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 4Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 5Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 6Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 7Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 8Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 9Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
3
U-I operation description
Figure 4. Input U-I operation and IEC61131-2 characteristic limits
OFF REGION
ON REGION
UL max_H
60 V
UH min
Transition region
Fault region
U
2.5 mA
4 mA
UH max
OFF REGION
ON REGION
-UL max_H
- UH min
Transition region
Fault region
-2.5 mA
-4 mA
-UL max_L
-UH max
-60 V
UL max_L
CLT typical U-I characteristics
Note:
When the input current stays below 2.5 mA, the CLT03 output remains in the OFF state.
Table 6. IEC61131-2 Input characteristic limits
Symbol
Type 1
Type 3
UL max_H
15 V
11 V
UL max_L
5 V
5 V
IL max.
15 mA
15 mA
IT min.
0.5 mA
1.5 mA
UH min.
15 V
11 V
UH max.
30 V
30 V
IH min.
2 mA
2 mA
IH max.
15 mA
15 mA
CLT03-2Q3, CLT03-1SC3
U-I operation description
DS12302 - Rev 13
page 6/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com