Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT03-1SC3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # CLT03-1SC3
Description  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-1SC3 Datasheet(HTML) 2 Page - STMicroelectronics

  CLT03-1SC3 Datasheet HTML 1Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 2Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 3Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 4Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 5Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 6Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 7Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 8Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1
I/O pin description
Table 1. CLT03-1SC3 pins name, type, and description
Name
Pin #
Type
Description
INA
2
Signal input
Logic input with current limitation
INATT
3
Signal input
Logic input with current limitation for non-isolated configuration
INB
1
Signal input
Logic input with current limitation
TP
8
Test input
Test pulse input for capacitor
VBUF
7
Power output Buffer capacitor
OUTN
4
Ground
Logic output ground (channel 1 output ground)
OUTP
6
Signal output Data output
PD
5
Ground
Logic output ground with pull down resistor (non-isolated mode)
Figure 1. SOT23-8L pinout (top view)
Table 2. CLT03-2Q3 pins name, type, and description
Name
Pin #
Type
Description
INA1 / INA2
7 / 3
Signal input
Logic input with current limitation
INATTL1 / INATTL2
6 / 2
Signal input
Logic input with current limitation for non-isolated configuration
INB1 / INB2
8 / 4
Signal input
Logic input with current limitation
TP1 / TP2
9 / 14
Test input
Test pulse input for capacitor
VBUF1 / VBUF2
10 / 15
Power output Buffer capacitor
OUTN1
5 / TAB1
Ground
Logic output ground (channel 1 output ground)
OUTN2
13 / TAB2
Ground
Logic output ground (channel 2 output ground)
OUTP1 / OUTP2
11 / 16
Signal output Data output
PD1/PD2
12 / 1
Ground
Logic output ground with pull down resistor (non-isolated mode)
Figure 2. QFN-16L 4.0 x 2.0 pinout (top view)
CLT03-2Q3, CLT03-1SC3
I/O pin description
DS12302 - Rev 13
page 2/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com