Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT03-1SC3 Datasheet(PDF) 17 Page - STMicroelectronics

Part # CLT03-1SC3
Description  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-1SC3 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button CLT03-1SC3 Datasheet HTML 13Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 14Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 15Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 16Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 17Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 18Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 19Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 20Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Figure 21. Tape outline
Table 10. Tape dimension values
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
D0
1.45
1.5
1.6
D1
1.00
F
3.45
3.50
3.55
K0
1.30
1.40
1.50
P0
3.90
4.00
4.10
P1
3.90
4.00
4.10
P2
1.95
2.00
2.05
W
7.90
8.00
8.30
CLT03-2Q3, CLT03-1SC3
SOT23-8L 2.9 x 2.8 mm package information
DS12302 - Rev 13
page 17/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com