Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT03-1SC3 Datasheet(PDF) 22 Page - STMicroelectronics

Part # CLT03-1SC3
Description  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-1SC3 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button CLT03-1SC3 Datasheet HTML 16Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 17Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 18Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 19Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 20Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 21Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 22Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 23Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
11
Ordering information
Figure 31. Ordering information scheme
CLT
03
–
2
Q
3
Current limiter
Version
Number of channels
1 = Single channel
2 = Dual channels
Package type
SC = SOT23-8L
Q = QFN-16L 4.0 x 2.0
3 : 3 mA current limitation typ.
CLT
03
–
1
SC
3
Table 13. Ordering information
Order code
Marking(1)
Package
Weight
Base qty.
Delivery mode
CLT03-1SC3
1SC3
SOT23-8L
18 mg
3000
Tape and reel
CLT03-2Q3
CLT03
QFN-16L 4.0 x 2.0
20 mg
3000
Tape and reel
1. The marking can be rotated to differentiate assembly location
CLT03-2Q3, CLT03-1SC3
Ordering information
DS12302 - Rev 13
page 22/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com