Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT03-1SC3 Datasheet(PDF) 15 Page - STMicroelectronics

Part # CLT03-1SC3
Description  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-1SC3 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button CLT03-1SC3 Datasheet HTML 11Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 12Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 13Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 14Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 15Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 16Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 17Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 18Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
9.1
SOT23-8L 2.9 x 2.8 mm package information
Figure 14. SOT23-8L 2.9 x 2.8 mm package outline
Table 9. SOT23-8L 2.9 x 2.8 mm package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.27
1.45
0.035
0.050
0.057
A1
0.00
0.762
0.15
0.000
0.003
0.006
A2
0.90
1.20
1.30
0.035
0.047
0.051
b
0.22
0.30
0.38
0.009
0.012
0.0115
C
0.09
0.152
0.20
0.004
0.006
0.008
D
2.80
2.90
3.00
0.110
0.114
0.118
E
2.60
2.80
3.00
0.102
0.110
0.118
E1
1.50
1.65
1.75
0.059
0.065
0.069
e
0.65 REF
0.026 REF
e1
1.95 REF
0.077 REF
L
0.35
0.45
0.55
0.014
0.018
0.022
a
0°
8°
0°
8°
1. Values in inches are converted from mm and rounded to 4 decimal digits.
CLT03-2Q3, CLT03-1SC3
Package information
DS12302 - Rev 13
page 15/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com