Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT03-1SC3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # CLT03-1SC3
Description  Self powered digital input current limiter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT03-1SC3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button CLT03-1SC3 Datasheet HTML 6Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 7Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 8Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 9Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 10Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 11Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 12Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 13Page - STMicroelectronics CLT03-1SC3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
6
Test pulse feature description
The built-in test pulse feature eases diagnostic checks. It is possible to know on a regular basis that the CLT03 is
still working properly.
This feature is especially important for safety applications and often required by safety regulations.
In order, to enable the Test Pulse feature a capacitor should be connected between TP and OUTN pins. When
such a capacitor is connected, the OUTP value will be forced to low state every TP period (PTP) for a define test
pulse width (tTP). TP period is equal to 256 times tTP.
The frequency of the “Test Pulse low state” is managed through the capacitor value. In order to disable this
feature, TP should be shorted to OUTN.
Table 7. Test pulse parameters
Symbol
Description
Min.
Typ.
Max.
Unit
fTP
Test pulse frequency
4.1
219
kHz
CTP
External capacitor range
100
4700
pF
tTP
Test pulse width
1/fTP
ms
PTP
Test pulse period
256 x tTP
ms
ΔfTP
Test pulse frequency variation (out of capacitance variation)
-60
+60
%
Figure 7. Test Pulse parameters description
t
TP
IN
IN
OUT
OUT
P
TP
No test pulse
Test pulse actived
CLT03-2Q3, CLT03-1SC3
Test pulse feature description
DS12302 - Rev 13
page 10/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com