Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4985B Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4985B
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985B Datasheet(HTML) 1 Page - STMicroelectronics

  L4985B Datasheet HTML 1Page - STMicroelectronics L4985B Datasheet HTML 2Page - STMicroelectronics L4985B Datasheet HTML 3Page - STMicroelectronics L4985B Datasheet HTML 4Page - STMicroelectronics L4985B Datasheet HTML 5Page - STMicroelectronics L4985B Datasheet HTML 6Page - STMicroelectronics L4985B Datasheet HTML 7Page - STMicroelectronics L4985B Datasheet HTML 8Page - STMicroelectronics L4985B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Features
•
Peak current mode CCM-operated
•
800 V high voltage startup with integrated input voltage sensing
•
Active input filter capacitor discharge
•
Proprietary multiplier “emulator” with minimum THD of line current in all
operating conditions (CCM and DCM)
•
Extremely few external components
•
Protections: feedback loop failure, OVP, OCP, inductor saturation, brown-in,
brownout (compliant to medical SMPS standards)
•
Inductor current sense
•
Disable and low consumption function
•
In-rush current monitoring
•
Soft-start for smooth startup
•
1.2% (@ Tj = 25 °C) internal reference voltage
•
65 kHz (A version) and 130 kHz (B version) switching frequency
•
SO8 package
Application
•
PFC pre-regulators for:
–
IEC61000-3-2 and JEIDA-MITI compliant SMPS in excess of 1 kW
–
Desktop PC, server, web server, game console
–
High power LED luminaries
–
Industrial and medical SMPS according to IEC 60601-1-2
Description
The L4985 is a peak current-mode PFC controller for boost converter with a
proprietary multiplier “emulator” which in addition to the innovative THD optimizers
guarantee very low Total Harmonic Distortion (THD) performance in all operating
conditions. The device comes in a pin SO package and offers a high performance/
low-component count solution for CCM-operated boost PFC pre-regulators in
EN61000-3-2 and JEIDA-MITI compliant applications, in a power range that spans
from few hundred W to some kW.
The device, thanks to a proprietary off-time modulator, operates in quasi-fixed
frequency in all operating conditions. Two options are available, 65 kHz for A and
130 kHz for B.
The 800V high voltage start-up block includes also the circuitry to discharge the
X-capacitors of the EMI filter to a safe level. This allows the unit to meet safety
regulation (such as IEC 61010-1 or IEC 62368-1) without using the traditional
discharge resistor in parallel to the X-capacitors.
The device features low consumption and disable functions allowing usage in
applications supposed to comply even with the latest energy saving requirements
issued by Energy Star, the Department of Energy (DoE) in the United States, the
European Code of Conduct, the European Union’s Ecodesign Directive, and other
guidelines.
Product status link
L4985
L4985A
L4985B
L4985ATR
L4985BTR
Product summary
Order
codes
Package
Packaging
L4985A
SO-8
Tube
L4985B
Tube
L4985ATR
Tape and
reel
L4985BTR
Tape and
reel
CCM PFC controller with high voltage startup
L4985
Datasheet
DS13769 - Rev 3 - January 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L4985B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4981 STMICROELECTRONICS-L4981 Datasheet
228Kb / 17P
POWER FACTOR CORRECTOR
Sep-1998
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
POWER FACTOR CORRECTOR
Sep-1998
L4981A STMICROELECTRONICS-L4981A Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
L4981A STMICROELECTRONICS-L4981A Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
L4981AD STMICROELECTRONICS-L4981AD Datasheet
228Kb / 17P
POWER FACTOR CORRECTOR
Sep-1998
More results

Similar Description - L4985B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28019 TI-UCC28019 Datasheet
821Kb / 48P
8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
Two-Phase Interleaved CCM PFC Controller
UCC28019A TI-UCC28019A Datasheet
1Mb / 47P
8-Pin Continuous Conduction Mode (CCM) PFC Controller
logo
Fairchild Semiconductor
SG6901 FAIRCHILD-SG6901 Datasheet
721Kb / 19P
CCM PFC/Flyback PWM Combination Controller
logo
Infineon Technologies A...
ICE2PCS04 INFINEON-ICE2PCS04 Datasheet
507Kb / 19P
Standalone PFC Controller in CCM with Input Brown-Out Protection
Version 2.0, 10 Oct 2007
logo
Texas Instruments
UCC28019DRG4 TI-UCC28019DRG4 Datasheet
1,017Kb / 49P
8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC29950 TI1-UCC29950 Datasheet
3Mb / 68P
UCC29950 CCM PFC and LLC Combo Controller
logo
STMicroelectronics
L4984D STMICROELECTRONICS-L4984D Datasheet
5Mb / 35P
CCM PFC controller
15-Apr-2013
logo
ON Semiconductor
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
FAN9672 ONSEMI-FAN9672 Datasheet
1Mb / 26P
Two-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com