Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4985B Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4985B
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985B Datasheet(HTML) 4 Page - STMicroelectronics

  L4985B Datasheet HTML 1Page - STMicroelectronics L4985B Datasheet HTML 2Page - STMicroelectronics L4985B Datasheet HTML 3Page - STMicroelectronics L4985B Datasheet HTML 4Page - STMicroelectronics L4985B Datasheet HTML 5Page - STMicroelectronics L4985B Datasheet HTML 6Page - STMicroelectronics L4985B Datasheet HTML 7Page - STMicroelectronics L4985B Datasheet HTML 8Page - STMicroelectronics L4985B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
2
Pin connection and functions
Figure 3. Pin connection (top view)
Table 1. Pin description
No.
Name
Function
1
VCC
Supply voltage. The internal high voltage start-up generator charges an electrolytic capacitor connected
between this pin and GND as long as the voltage on the pin is below the start-up threshold of the IC,
after it is disabled and the chip turns on. A bypass capacitor to GND has to be placed close to the pins
to get a clean bias voltage.
2
GD
Gate driver output. The output stage is able to drive power MOSFETs and IGBTs; it is capable of 0.7 A
source current and 1.5 A sink current (typical values).
3
GND
IC ground. Current return for both the signal/bias part of the IC and the gate driver current. All of
the ground connections of the bias components should be tied to a track going to this pin and kept
separate from any pulsed current return.
4
CS
Current sense input. The inductor current is sensed through a resistor RS on the current return side.
The resulting negative voltage is applied to this pin and compared to an internal sinusoidal-shaped
reference to determine the turn-off instant of the external power switch. The pin is equipped with an
internal current generator (sourced current during power switch on-time); it can be used, by simply
adding a series resistor (RTHD_CCM) for improved THD in CCM operation.
If the voltage on the pin goes below VCS_OCP1 (-0.49 V typ.) the internal overcurrent comparator is
triggered and terminates the conduction cycle of the external power switch before the normal PWM
circuit does. In this way, the peak inductor current is limited at a maximum of 0.49/RS.
A second overcurrent level set at VCS_OCP2 (-0.75 V typ.) detects abnormal current values (e.g. due to
boost inductor saturation) and, on this occurrence, activates a safety procedure that immediately stops
the converter activity until the current level reaches the zero-current threshold VCS_ZCD (-10 mV typical
value). It allows safe operations also during current surges occurring at power-up or after a mains dip
or missing cycle; in fact it allows switching start/restart only when the overcurrent event is definitively
over.
5
FB
Inverting input of the trans-conductance Error Amplifier (OTA).
The information on the output voltage of the PFC regulator is fed into the pin through a resistor divider
so that its voltage is proportional to the instantaneous value of the high voltage bus (VBULK). Under
steady-state conditions the voltage on pin sits at the internal reference of the error amplifier (VREF =
2.5 V). If the voltage exceeds the steady-state value by 7% (VFB > VFB_S), e.g. due to an output voltage
overshoot, the switching activity is stopped until VFB < VFB_R (2.55V typ.).
If the voltage at the FB pin is below VFB_FF/EBM (0.5 V typ.) either a failure of the output divider is
assumed or the device is externally forced in burst-mode operation. In both cases the PFC controller
is stopped with low consumption. See Section 5.7 Idle operation (external burst-mode function) and
Section 5.9.6 Feedback failure detection for further details.
L4985
Pin connection and functions
DS13769 - Rev 3
page 4/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com