Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4985B Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4985B
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4985B Datasheet HTML 8Page - STMicroelectronics L4985B Datasheet HTML 9Page - STMicroelectronics L4985B Datasheet HTML 10Page - STMicroelectronics L4985B Datasheet HTML 11Page - STMicroelectronics L4985B Datasheet HTML 12Page - STMicroelectronics L4985B Datasheet HTML 13Page - STMicroelectronics L4985B Datasheet HTML 14Page - STMicroelectronics L4985B Datasheet HTML 15Page - STMicroelectronics L4985B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Now considering that the input current IIN(θ) of the converter is the average value of the inductor current in a
switching cycle results:
Equation 5
(5)
IINθCCM=IL,PKθ − ΔILθ2
Selecting the THD-CCM optimizer resistor equal to:
Equation 6
(6)
RTHD_CCM=KCCM RSLP
and replacing equations #2 and #4 in equation #3, after some calculations the inductor peak current results:
Equation 7
(7)
IL,PKθ = 1 RS  KM VOUT VC  VINθ +ΔILθ2
Finally replacing equation #7 in equation #5, the input current of the converter results:
Equation 8
(8)
IINθCCM= 1 RS  KM VOUT VC  VINθ
which is sinusoidal and in phase with the VIN(θ) input voltage (ideally zero-THD and unity-PF)
Considering the DCM operation (TR>0), through geometrical consideration, the input current IIN(θ) of the
converter can be expressed by:
Equation 9
(9)
IINθDCM=12 IL,PKθ TONθ+TFWθ
TONθ +TFWθ +TRθ
Equation 9 shows that the term TR>0 introduces distortion if IL,PK(θ) has a sinusoidal shape like in a standard
PFC. Referring to Figure 4, the sinusoidal voltage
VGθ =VC  K1  VINθVOUT isthenopportunelyshapedbythe
“THD-DCM” optimizer block, which generates the current reference voltage expressed by:
Equation 10
(10)
VCS_REFθDCM= VGθ TONθ +TFWθ +TRθ
TONθ +TFWθ
Replacing equation #1 in equation #10, and considering that in DCM operation the peak of the inductor current is
IL,PKθ =ΔILθ ,aftersomecalculationsresults:
Equation 11
(11)
IINθDCM= 1 RS  KM VOUT VC  VINθ
which is sinusoidal and in phase with the VIN(θ) input voltage (ideally zero-THD and unity-PF), and it has the
same gain like in CCM operation.
5.2
OFF-time modulator
The device embeds a novel OFF-time modulator which is able to achieve quasi-fixed switching frequency in
all operating conditions (CCM and DCM operation) and independent from the input/output voltage, the load
conditions and the converter’s parasitic as the existing modulators.
L4985
OFF-time modulator
DS13769 - Rev 3
page 12/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com