Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4985B Datasheet(PDF) 16 Page - STMicroelectronics

Part # L4985B
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L4985B Datasheet HTML 12Page - STMicroelectronics L4985B Datasheet HTML 13Page - STMicroelectronics L4985B Datasheet HTML 14Page - STMicroelectronics L4985B Datasheet HTML 15Page - STMicroelectronics L4985B Datasheet HTML 16Page - STMicroelectronics L4985B Datasheet HTML 17Page - STMicroelectronics L4985B Datasheet HTML 18Page - STMicroelectronics L4985B Datasheet HTML 19Page - STMicroelectronics L4985B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Figure 12. External Burst-Mode (EBM) function – circuit details
During the external burst-mode condition (FB < VFB_FF/EBM), the system application should guarantee VCC >
VCC_OFF to minimize the power consumption. In fact, in case the VCC pin voltage approaches the device turn-off
threshold the internal HV-startup is turned on to bring VCC voltage to the turn-on threshold VCC_ON.
Figure 13. External Burst-Mode (EBM) function – timing
5.8
Disable operation (DISABLE function)
Forcing the COMP pin lower than the internal threshold VCOMP_DIS (0.7 V typ.), the device stops the operation
and enters into low power consumption. The Error Amplifier is turned off and a weak internal pull-up current
ICOMP_DIS (10 µA typ.) is activated. De-bounce time TCOMP_DIS_DB (50 µs typ.) is provided to avoid false
triggering.
Referring to Figure 14, releasing the external pull-down the internal pull-up current ICOMP_DIS charges the
compensation network connected between COMP pin and ground and the COMP voltage starts to increase.
As soon as the COMP pin reaches the enable threshold VCOMP_EN (0.9V typ.), the device turns on the internal
HV-startup current generator to bring VCC voltage to the turn-on threshold VCC_ON and restarts the operation
implementing the soft-start .
L4985
Disable operation (DISABLE function)
DS13769 - Rev 3
page 16/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com