Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4985B Datasheet(PDF) 18 Page - STMicroelectronics

Part # L4985B
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L4985B Datasheet HTML 14Page - STMicroelectronics L4985B Datasheet HTML 15Page - STMicroelectronics L4985B Datasheet HTML 16Page - STMicroelectronics L4985B Datasheet HTML 17Page - STMicroelectronics L4985B Datasheet HTML 18Page - STMicroelectronics L4985B Datasheet HTML 19Page - STMicroelectronics L4985B Datasheet HTML 20Page - STMicroelectronics L4985B Datasheet HTML 21Page - STMicroelectronics L4985B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
5.9.2
AC brownout (BO function)
During the normal operation, in order to protect the PFC pre-regulator from excessive RMS current, if the AC line
voltage falls below the VHVPK_BO brownout threshold (around 71 Vac) for at least 630 ms typ. (see TDB_ACBO
parameter in Table 5. Electrical characteristics), the switching activity is stopped.
5.9.3
Output overvoltage (OVP function)
To limit an output voltage overshoot, e.g. due to a heavy load release or at startup with light-load, the device stops
the switching activity as soon as the instantaneous output voltage VOUT is higher than 7% typ. in respect to the
programmed value.
In fact, the device detects an overvoltage condition monitoring the FB pin which is proportional to the
instantaneous value of the output voltage VOUT and in steady-state conditions sits at the internal reference of
the error amplifier (VREF = 2.5 V).
As soon as the FB voltage exceeds the steady-state value by 7% (VFB > VFB_S), the switching activity is stopped
until it gets back close to it (VFB < VFB_R).
De-bounce time TDOVP_DB (50 µs typ.) is provided to avoid false activation of the protection.
During the OVP condition, to avoid undesired IC shutdown, as soon as the VCC pin voltage falls below the
VCC_HVSTUP_OVP threshold (11.5 V typ.) the internal HV-startup is turned on to bring VCC voltage to the turn-on
threshold VCC_ON.
Figure 16. OVP timing
5.9.4
Overcurrent (OCP1 function)
To limit the peak inductor current in case of extra request (e.g. heavy load changes), the device implements a
cycle-by-cycle overcurrent protection. The device monitors the CS pin during the power switch on-time and as
soon as the voltage on the CS pin goes below VCS_OCP1 (-0.49 V typ.), the internal overcurrent comparator is
triggered and terminates the conduction cycle of the power switch before the normal PWM circuit does. In this
way, the peak inductor current is limited to a maximum of 0.49/RS.
L4985
Protections
DS13769 - Rev 3
page 18/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com