Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4985B Datasheet(PDF) 15 Page - STMicroelectronics

Part # L4985B
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L4985B Datasheet HTML 11Page - STMicroelectronics L4985B Datasheet HTML 12Page - STMicroelectronics L4985B Datasheet HTML 13Page - STMicroelectronics L4985B Datasheet HTML 14Page - STMicroelectronics L4985B Datasheet HTML 15Page - STMicroelectronics L4985B Datasheet HTML 16Page - STMicroelectronics L4985B Datasheet HTML 17Page - STMicroelectronics L4985B Datasheet HTML 18Page - STMicroelectronics L4985B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Figure 11. Soft-start circuitry details
5.6
No load operation (burst-mode function)
To avoid uncontrolled rise of the output voltage at light or zero load, when VCOMP < VCOMP_S (1 V typ.) the device
stops the switching activity and reduces its power consumption. As soon as the VCOMP > VCOMP_R (1.05 V typical
and in tracking with the threshold VCOMP_S) the device restarts the switching activity.
If the burst-mode condition is triggered when the gate driver GD is “high”, the device completes the current
ON-time and the system stoppage takes place after GD falling edge.
During the burst-mode operation, the system application should guarantee VCC > VCC_OFF. In fact, if the VCC pin
voltage drops down to VCC_OFF, the device shutdown and the HV-startup is turned on to bring the VCC pin to a
voltage VCC_ON and restart the operation performing the soft-start.
5.7
Idle operation (external burst-mode function)
The FB pin can be used to implement an external burst-mode (EBM), forcing the pin lower than the internal
threshold VFB_FF/EBM (500 mV typ.): the switching activity is stopped and the IC power consumption is reduced
(Error Amplifier is also turned off and the COMP pin is forced to “high impedance”). The device restarts switching,
without implementing the soft-start, as soon as the FB voltage exceeds the VFB_FF/EBM threshold by 50 mV typ.
De-bounce time TFF/EBM_DB (1.8 µs typ.) is provided to avoid false triggering. Referring to Figure 12, it is worth
noting that as soon as the device enters the EBM state (the internal signal EBM_INT is high) a weak pull-up
current IFB_EBM (100 µA typ.) is sourced from the FB pin in order to speed up the FB voltage rising edge when the
external pull-down is released. In addition, once the FB voltage exceeds VFB_FF/EBM + 50 mV the IFB_EBM current
of 100 µA is increased to 1 mA till the FB pin voltage reaches the final target of 2.5 V (internal VREF). When using
the EBM function, the suggested value of the FB filter capacitor CFB is 3.3 nF.
L4985
No load operation (burst-mode function)
DS13769 - Rev 3
page 15/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com