Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4985B Datasheet(PDF) 14 Page - STMicroelectronics

Part # L4985B
Description  CCM PFC controller with high voltage startupv
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4985B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L4985B Datasheet HTML 10Page - STMicroelectronics L4985B Datasheet HTML 11Page - STMicroelectronics L4985B Datasheet HTML 12Page - STMicroelectronics L4985B Datasheet HTML 13Page - STMicroelectronics L4985B Datasheet HTML 14Page - STMicroelectronics L4985B Datasheet HTML 15Page - STMicroelectronics L4985B Datasheet HTML 16Page - STMicroelectronics L4985B Datasheet HTML 17Page - STMicroelectronics L4985B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Figure 10. Embedded high voltage start-up circuitry
As soon as the voltage on the HV pin is higher than VHV_START (29 V typ.), the HV-start-up circuitry turns on
and starts to source an IHV_ON current (7 mA typ.). This current, minus the device consumption ISTART_UP before
startup (400 µA typ.), charges the external bypass capacitor connected between VCC pin and ground increasing
its voltage almost linearly up to the device turn-on threshold VCC_ON (14 V typ.). To protect the HV-start-up
circuitry from excessive power consumption, e.g. for a short-circuit on the VCC pin, the IHV_ON current sourced is
1 mA typical till the VCC pin voltage is lower than VCC_SO (1 V typ.).
Once the VCC pin voltage reaches VCC_ON the device starts operating and to guarantee a reliable startup of the
system, the HV current generator IHV_ON is kept on till the output voltage reaches 70% typ. of the programmed
value (FB pin higher than VFB_HVSTUP threshold). To protect the HV-start-up circuitry from excessive power
consumption, e.g. in case of an overcurrent request, the HV current generator is in any case automatically turned
off after the TTOUT timeout (100 ms typ.)
After the start-up phase, the system application should guarantee VCC > VCC_OFF. In fact, if the VCC pin voltage
drops to VCC_OFF the device shutdown and the HV-startup is turned on to bring the VCC pin to a voltage VCC_ON
and restart the operations performing the soft-start.
5.4
Input line discharge (X-cap discharge function)
In order to guarantee safety regulations such as IEC 61010-1/IEC 62368-1 without using the traditional discharge
resistor in parallel to the X-capacitor, and thus saving also the associated power losses enabling ultra-low
consumption in standby conditions, the device embeds an internal logic circuit that detects when the unit has
been detached from the power line; if this event occurs then the high voltage start-up generator is turned on to
discharge the X capacitors of the EMI filter to a safe level.
In particular, after a detection time TDECT_XCAP (64 ms typ.) from the AC mains disconnection, the X-cap
discharge operation is triggered and the internal HV current generator is turned on: a discharge current IHV_ON
(5 mA minimum) is drawn from the HV pin ensuring the X-cap discharge until the voltage on the HV pin falls
below a safe level (45 V maximum, VHV_MIN parameter in Section 4 Electrical characteristics, Table 5), within the
regulation maximum discharging time.
5.5
Soft-start
To limit the in-rush current of the converter at the startup, the device implements a soft startup increasing the peak
of the inductor current from zero up to the required value programmed by the control loop to regulate the output
voltage.
In particular, the device changes the reference threshold of the first overcurrent comparator (OCP1) from zero up
to VCS_OCP1 (-0.49 V typ.) in TSS_OCP1 time (130 ms typ.), as shown in Figure 11 .
L4985
Input line discharge (X-cap discharge function)
DS13769 - Rev 3
page 14/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com