Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXMCT/EF Datasheet(PDF) 11 Page - STMicroelectronics

Part # M95P16-IXMCT/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMCT/EF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M95P16-IXMCT/EF Datasheet HTML 7Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 8Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 9Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 10Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 11Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 12Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 13Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 14Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
4
Device operation
4.1
Connecting to the SPI bus
All instructions, addresses and input data bytes are shifted in to the device, most significant bit first. The Serial
data input (D) is sampled on the first rising edge of the Serial clock (C) after Chip select (S) goes low.
All output data bytes are shifted out of the device, most significant bit first. The Serial data output (on DQn pins) is
output on the first falling edge of the Serial clock (C) after eight bits of an instruction like Read from memory array
and Read Status register have been clocked into the device.
The Write protect (W) and Hold (HOLD) signals must be driven high or low, as appropriate.
Figure 4. Bus master and memory devices on the SPI bus
SPI Bus Master
SPI Interface with
CPOL,CPHA) =
(0,0 or (1,1)
SPI Memory
Device
SPI Memory
Device
SPI Memory
Device
Vss
Vcc
R
MOSI
MISO
C
S
S
S
C
CS3
CS2
CS1
Q,DQ1
C
C
Vcc
Vcc
Vcc
Vss
W,DQ2
D,DQ0
HOLD,DQ3
R
R
Q,DQ1
W,DQ2
D,DQ0
HOLD,DQ3
Vss
Vss
Q,DQ1
W,DQ2
D,DQ0
HOLD,DQ3
W
HOLD
Figure 4 shows an example of three memory devices connected to an SPI bus master. Only one memory device
is selected at a time, so only one memory drives the Serial data output (Q) line at a time. The other memory
devices are high-Z.
The pull-up resistor R (whose typical value is 100 kΩ) ensures that a device is not selected if the Bus master
leaves the S line in the high impedance state.
M95P16-I M95P16-E
Device operation
DS13710 - Rev 1
page 11/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com