Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXMCT/EF Datasheet(PDF) 30 Page - STMicroelectronics

Part # M95P16-IXMCT/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMCT/EF Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M95P16-IXMCT/EF Datasheet HTML 26Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 27Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 28Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 29Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 30Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 31Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 32Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 33Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
6.13
Erase operations
Chip erase, Block erase, Sector erase and Page erase operations set the selected area bits to 1.
6.13.1
Chip erase (C7h)
The Chip erase (CHER) instruction sets all memory bits within the device to the erased state of 1 (FFh). A Write
enable instruction must be executed before the device accepts the Chip erase instruction (Status register bit
WEL must be 1). The instruction is initiated by driving the S pin low and shifting-in the instruction code C7h. The
instruction is completed by driving S high. The Chip erase instruction sequence is shown in Figure 20.
The S pin must be driven high after the eighth bit has been latched. If this is not done the Chip erase instruction
is not executed. After S is driven high, the self-timed Chip erase instruction starts, with a time duration of tCE (see
Table 26. Programming times). While the Chip erase cycle is in progress, the Read Status register instruction can
still be accessed to check the status of the WIP bit. The WIP bit is automatically set to 1 during the chip erase
cycle. It is reset to 0 when the device is ready to accept commands. After the Chip erase cycle has finished, the
Write enable latch (WEL) bit in the Status register is cleared to 0. The Chip erase instruction is not executed if any
addressed pages of the chip are protected by the block protection (BP2, BP1, and BP0) and TB bits. The status is
reported with PAMAF and ERF flags (see Table 9. Safety register format).
Figure 20. Chip erase
MS554891V1
0
1
2
3
4
5
6
7
8
CHER instruction
S
C
D
Q
High impedance
6.13.2
Block erase (D8h)
The Block erase (BKER) instruction sets all memory bits within a specified block (64 Kbytes) to the erased state
of all 1s (FFh). A Write enable instruction must be executed before the device accepts the Block erase instruction
(the WEL Status register bit must be 1). The instruction is initiated by driving the S pin low and shifting-in the
instruction code D8h followed by a 24-bit block address (A23-A0). The instruction is completed by driving S high.
The Block erase instruction sequence is shown in Figure 21.
The S pin must be driven high after the eighth bit of the last byte has been latched. If this is not done the Block
erase instruction is not executed. After S is driven high, the self-timed Block erase instruction starts, with a time
duration of tBE1 (see Table 26. Programming times). While the Block erase cycle is in progress, the Read Status
register instruction can still be accessed to check the status of the WIP bit. The WIP bit is at 1 during the Block
erase cycle. It transits to 0 when the cycle has finished and the device is ready to accept further instructions.
After the Block erase cycle is complete, the Write enable latch (WEL) bit in the Status register is cleared to 0. The
Block erase instruction is not executed if any addressed pages of the block are protected by the block protection
(BP2, BP1, and BP0) and TB bits. The status is reported with PAMAF and ERF flags (see Table 9. Safety register
format).
M95P16-I M95P16-E
Erase operations
DS13710 - Rev 1
page 30/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com