Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXMCT/EF Datasheet(PDF) 35 Page - STMicroelectronics

Part # M95P16-IXMCT/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMCT/EF Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M95P16-IXMCT/EF Datasheet HTML 31Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 32Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 33Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 34Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 35Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 36Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 37Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 38Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
6.16
Read identification (83h)
The Read identification (RDID) instruction allows one or more data bytes in the two identification pages (512
bytes each) to be read sequentially:
•
The first page contains three device identification bytes.
•
In the case of an UID, one byte for length, and an unique ID value on N bytes, as specified in UID length
(see Table 13).
•
The second page is located at the address 200h. It is delivered erased, available for customer data.
Table 13. Identification page content
Address (in the first identification page)
Content
Value
00h
ST manufacturer code
20h
01h
SPI family code
00h
02h
Memory density code
15h (16 Mbit)
03h
UID length
00h
04h
UID
FFh
Note:
The first three bytes (address 00h, 01h and 02h) of the identification page can also be read with the Read
JEDEC identification (JDID) instruction.
The RDID instruction is initiated by driving the S pin low and shifting the instruction code 83h, followed by a 24-bit
address (A23-A0) into the D-DQ0 pin.
The data byte pointed to by the lower address bits [A9:A0] is shifted out (MSB first) on the Serial Data output (Q),
as shown in Figure 26. The address is automatically incremented to the next higher address of the identification
pages after each data byte is shifted out, thus enabling a continuous stream of data. This means that the entire
area of identification pages (1024 bytes) can be accessed with a single instruction as long as the clock continues
to cycle. The instruction is completed by driving S high.
Figure 26. Read identification
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
4121 4122 4123 4124 4125 4126 4127 4128
S
C
D
Q
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
0
1
2
3
4
5
6
7
8
9
10
29
30
31
32
33
34
35
36
37
38
39
A23 A22 A21
A2
A1
A0
High impedance
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
C
S
RDID instruction
24-bit address
ST manufacturer code
D
Q
40
41
42
43
44
45
46
47
Q6
Q5
Q4
Q3
Q2
Q1
Q0
SPI Family code
Q7
Memory density code
UID length or data out 4
UID or data out 5
data out 512
MS69257V1
M95P16-I M95P16-E
Read identification (83h)
DS13710 - Rev 1
page 35/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com