Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXMCT/EF Datasheet(PDF) 32 Page - STMicroelectronics

Part # M95P16-IXMCT/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMCT/EF Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M95P16-IXMCT/EF Datasheet HTML 28Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 29Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 30Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 31Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 32Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 33Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 34Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 35Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
6.13.4
Page erase (DBh)
The Page erase (PGER) instruction sets a page of 512 bytes within the device to the erased state of all 1s (FFh).
A Write enable instruction must first be executed before the device accepts the Page erase instruction (Status
register bit WEL must equal 1). The instruction is initiated by driving the S pin low and shifting-in the instruction
code DBh. The instruction is completed by driving S high. The Page erase instruction sequence is shown in
Figure 23.
The S pin must be driven high after the eighth bit has been latched, or the instruction is not executed. After S is
driven high, the self-timed Page erase instruction starts, for a time duration of tPE (see Table 26. Programming
times). While the Page erase cycle is in progress, the Read Status register instruction can still be accessed to
check the status of the WIP bit. This bit is 1 during the Page erase cycle, and becomes 0 when the cycle finishes,
and the device is ready to accept further instructions. After the Page erase cycle is completed, the Write enable
latch (WEL) bit in the Status register is cleared to 0. The Page erase instruction is not executed if the addressed
page is protected by the block protection (BP2, BP1 and BP0) and TB bits. The status is reported with PAMAF
and ERF flags (see Table 9. Safety register format).
Figure 23. Page erase
0
1
2
3
4
5
6
7
8
9
10
29
30
31
17
A23
A22
A21
A2
A1
A0
High impedance
C
D
S
Q
PGER instruction
24-bit address
MS55409V1
6.14
Page program operations
6.14.1
Page program (0Ah)
The Page program (PGPR) instruction allows from one to 512 bytes of data, initially in the erased state (FFh),
to be programmed to 0. A Write enable instruction must be executed before the device accepts this instruction
(Status register bit WEL = 1).
The instruction is initiated by driving S low, then shifting the instruction code 0Ah, followed by a 24-bit address
(A23-A0) and at least one data byte into the D-DQ0 pin. The S pin must be held low for the whole length of the
instruction. The instruction is completed by driving S high. The sequence is shown in Figure 24.
Figure 24. Page program
0
1
2
3
4
5
6
7
8
9
10
29
30
31
32
33
34
35
36
37
38
39
4121 4122 4123 4124 4125 4126 4127 4128
C
D
A23 A22 A21
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
PGPR instruction
24-bit address
Data byte 1
Data bytes 2 to 511
Data byte 512
MS55413V1
S
S must be driven high after the eighth bit of the last byte has been latched, otherwise the instruction is rejected
and is not executed. After S is driven high, the self-timed Page program instruction starts for a time duration of
tpp (see Table 26. Programming times). While the Page program cycle is in progress, the Read Status register
instruction can still be accessed to check the status of the WIP bit, which is at 1 during the Page program cycle.
It becomes 0 when the cycle is finished and the device is ready to accept further instructions. When the Page
program cycle finishes, the Write enable latch (WEL) bit in the Status register is cleared to 0. The instruction is not
executed if the addressed page is protected by the block protection bits, and the status is reported with PAMAF,
ERF and PRF flags. See Table 9. Safety register format.
M95P16-I M95P16-E
Page program operations
DS13710 - Rev 1
page 32/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com