Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXMCT/EF Datasheet(PDF) 34 Page - STMicroelectronics

Part # M95P16-IXMCT/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMCT/EF Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M95P16-IXMCT/EF Datasheet HTML 30Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 31Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 32Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 33Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 34Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 35Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 36Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 37Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
6.15
Page write (02h)
The Page write (PGWR) instruction allows from one to 512 bytes of data to be written in a single instruction (auto
erase + program), leaving the other bytes of the page unchanged. A Write enable instruction must be executed
before the device accepts this instruction (Status register bit WEL = 1).
The Page write instruction is initiated by driving the S pin low, then shifting the instruction code 02h, followed by a
24-bit address (A23-A0), and at least one data byte, into the D-DQ0 pin. S must be held low for the whole length
of the instruction, while data are sent to the device. The instruction is completed by driving S high.
The whole sequence is shown in Figure 25.
Figure 25. Page write
0
1
2
3
4
5
6
7
8
9
10
29
30
31
32
33
34
35
36
37
38
39
C
D
A23 A22 A21
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
S
PGWR instruction
24-bit address
Data byte 1
40
41
42
43
44
45
46
47
4121
4122
4123
4124
4125
4126
4127
4128
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Data byte 2
Data byte 512
MS55491V1
C
D
S
S must be driven high after the eighth bit of the last byte has been latched, or the Page write instruction is not
executed. After S is driven high, the self-timed Page write instruction starts for a time duration of tpw (see
Table 26. Programming times). While the Page write cycle is in progress, the Read Status register instruction can
still be accessed to check the status of the WIP bit, which is at 1 during the Page program cycle, and becomes a
0 when the cycle is finished and the device is ready to accept further instructions. After the Page write cycle has
finished, the Write enable latch (WEL) bit in the Status register is cleared to 0.
The page write operation is limited to writing bytes within a single physical page (where address A23 to A9 are the
same). After each data byte received, the address on the nine lowest order address bits (A8 to A0) is internally
incremented by one, and the remaining bits (A23 to A9) remain constant. If more than 512 bytes are transmitted,
the address counter rolls over to the beginning of the same page and the previously stored data are overwritten.
The write page instruction is not executed if a part of targeted area is protected by the block protection bits. In this
case the status is reported with the PAMAF, ERF and PRF flags.
M95P16-I M95P16-E
Page write (02h)
DS13710 - Rev 1
page 34/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com