Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXMCT/EF Datasheet(PDF) 36 Page - STMicroelectronics

Part # M95P16-IXMCT/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMCT/EF Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M95P16-IXMCT/EF Datasheet HTML 32Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 33Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 34Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 35Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 36Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 37Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 38Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 39Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
6.17
Fast read identification (8Bh)
The fast read identification (FRDID) instruction allows one or more data bytes in the two identification pages to be
sequentially read. With the addition of eight dummy clocks after the 24-bit address, it can operate at the highest
possible frequency fC (see Table 26. Programming times).
This instruction is initiated by driving the S pin low and shifting the instruction code 8Bh, followed first by a 24-bit
address (A23-A0) into the D-DQ0 pin, then by eight additional dummy clocks. The code and address bits are
latched on the rising edge of the C pin. After the eight dummy clocks are received, the data byte of the addressed
memory location is shifted out (MSB first) on the Q pin, on the falling edge of C. The address is automatically
incremented to the next higher address after each data byte is shifted out, thus enabling a continuous stream of
data. This means that the entire identification page (1024 bytes) can be accessed with a single instruction, as
long as the clock continues to cycle.
The address counter rolls over to 0 after the highest address of the second identification page is reached. The
instruction is completed by driving the S pin high. During the dummy clock cycles the data value on the D pin is
Don't care, and the Q pin is high-Z.
The FRDID instruction sequence is shown in Figure 27.
Figure 27. Fast read identification
0
1
2
3
4
5
6
7
8
9
10
29
30
31
C
D
A23 A22 A21
A2
A1
A0
Q
High impedance
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
4121 4122 4123 4124 4125 4126 4127 4128
High impedance
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
S
S
C
D
Q
FRDID instruction
24-bit address
Data out 1
Data out 512
Dummy
MS69266V1
M95P16-I M95P16-E
Fast read identification (8Bh)
DS13710 - Rev 1
page 36/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com