Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXMCT/EF Datasheet(PDF) 27 Page - STMicroelectronics

Part # M95P16-IXMCT/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMCT/EF Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M95P16-IXMCT/EF Datasheet HTML 23Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 24Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 25Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 26Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 27Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 28Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 29Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 30Page - STMicroelectronics M95P16-IXMCT/EF Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
6.9
Read data single output (03h)
The Read data single output (READ) instruction allows one or more data bytes to be sequentially read from the
memory. The instruction is initiated by driving the S pin low and then shifting the instruction code 03h, followed by
a 24-bit address (A23-A0) into the D pin. The code and address bits are latched on the rising edge of the C pin.
After the address is received, the data byte of the addressed memory location is shifted out (MSB first) on the Q
pin, on the falling edge of C. The address is automatically incremented to the next higher address after each data
byte is shifted out, allowing a continuous stream of data. This means that the whole memory can be accessed
with a single instruction, as long as the clock continues to cycle. The address counter rolls over to 0 after the
highest address is reached. The instruction is completed by driving S high.
The Read data single output instruction sequence is shown in Figure 16.
Figure 16. Read data single output
MS55469V1
Data Out 2
0
1
2
3
4
5
6
7
8
9
10
29
30
31
A23
A22
A21
A2
A1
A0
High impedance
C
D
Q
S
READ instruction
24-bit address
32
33
34
35
36
37
38
39
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
Data Out 1
6.10
Fast read single output with one dummy byte (0Bh)
The Fast read single output with one dummy byte (FREAD) instruction allows one or more data bytes to be
sequentially read from the memory. However, through the addition of eight dummy clocks after the 24-bit address,
it can operate at the highest possible frequency (see Table 27. AC characteristics - Other parameters).
The instruction is initiated by driving the S pin low and then shifting the instruction code 0Bh followed, first by a
24-bit address (A23-A0) into the D pin, then by eight additional dummy clock cycles.
The code and address bits are latched on the rising edge of the C pin. After the eight dummy clock cycles are
received, the data byte of the addressed memory location is shifted out (MSB first) on the Q pin, on the falling
edge of C. The address is automatically incremented to the next higher address after each byte of data is shifted
out, allowing a continuous stream of data. This means that the entire memory can be accessed with a single
instruction as long as the clock continues to cycle. The address counter rolls over to 0 after the highest address is
reached. The instruction is completed by driving S high.
During the dummy clock cycles the data value on the D pin is Don't care, and the Q pin is high-Z.
Figure 17. Fast read single output with one dummy byte
0
1
2
3
4
5
6
7
8
9
10
29
30
31
A23
A22
A21
A2
A1
A0
High impedance
C
D
Q
S
READ instruction
24-bit address
MS69255V1
Dummy clock cycles
Data Out 2
Data Out 1
C
D
Q
S
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
High impedance
M95P16-I M95P16-E
Read data single output (03h)
DS13710 - Rev 1
page 27/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com