Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXCS/EF Datasheet(PDF) 59 Page - STMicroelectronics

Part # M95P16-IXCS/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXCS/EF Datasheet(HTML) 59 Page - STMicroelectronics

Back Button M95P16-IXCS/EF Datasheet HTML 55Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 56Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 57Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 58Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 59Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 60Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 61Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 62Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
5.3
Volatile register format ......................................................... 19
5.4
SFDP register format .......................................................... 20
6
Instructions ......................................................................21
6.1
Write enable (06h)............................................................. 22
6.2
Write disable (04h) ............................................................ 22
6.3
Read Status register (05h) ...................................................... 23
6.4
Read Configuration and Safety registers (15h) ..................................... 23
6.5
Clear Safety register (50h) ...................................................... 24
6.6
Read Volatile register (85h) ..................................................... 24
6.7
Write Volatile register (81h) ..................................................... 25
6.8
Write Status and Configuration registers (01h) ..................................... 26
6.9
Read data single output (03h) ................................................... 27
6.10
Fast read single output with one dummy byte (0Bh)................................. 27
6.11
Fast read dual output with one dummy byte (3Bh) .................................. 28
6.12
Fast read quad output with one dummy byte (6Bh) ................................. 29
6.13
Erase operations .............................................................. 30
6.13.1
Chip erase (C7h)........................................................ 30
6.13.2
Block erase (D8h) ....................................................... 30
6.13.3
Sector erase (20h) ...................................................... 31
6.13.4
Page erase (DBh) ....................................................... 32
6.14
Page program operations....................................................... 32
6.14.1
Page program (0Ah) ..................................................... 32
6.14.2
Page program with buffer load (0Ah)......................................... 33
6.15
Page write (02h) .............................................................. 34
6.16
Read identification (83h) ....................................................... 35
6.17
Fast read identification (8Bh).................................................... 36
6.18
Write identification page (82h) ................................................... 37
6.19
JEDEC identification (9Fh)...................................................... 37
6.20
Read SFDP (5Ah) ............................................................. 38
6.21
Deep power-down enter (B9h)................................................... 39
6.22
Deep power-down release (ABh) ................................................ 39
6.23
Enable reset (66h) and Software reset (99h)....................................... 40
7
Power-up/down ...................................................................41
7.1
Power-up/down ............................................................... 41
7.2
Deep power-down ............................................................. 42
7.3
Reset ....................................................................... 42
M95P16-I M95P16-E
Contents
DS13710 - Rev 1
page 59/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com