Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXCS/EF Datasheet(PDF) 40 Page - STMicroelectronics

Part # M95P16-IXCS/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXCS/EF Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M95P16-IXCS/EF Datasheet HTML 36Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 37Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 38Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 39Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 40Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 41Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 42Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 43Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
6.23
Enable reset (66h) and Software reset (99h)
The Enable reset (RSTEN) and Software reset (RESET) instructions reset the device.
The RSTEN instruction enables the RESET instruction.
The RSTEN instruction is initiated by driving S low and shifting the instruction code 66h into the D pin. The S
pin must be held low for the entire length of the instruction . Pin S must be driven high after the eighth bit has
been latched. Once the S pin is driven high, the RESET instruction is initiated by driving S low and shifting the
instruction code 99h into the D pin. The S pin must be held low for the entire length of the instruction . Pin S must
be driven high after the eighth bit has been latched, otherwise the instruction is not executed.
To avoid accidental resets, these two instructions must be issued in sequence. Any command other than a
Software reset (99h) after an Enable reset (66h) command disables the Reset enable state. A new sequence of
Enable reset (66h) and Software reset (99h) is needed to reset the device. Once the Reset command is accepted
by the device, the reset is effective after a delay given in Table 16. Reset recovery time. During this period, no
command is accepted.
Figure 33. Software reset
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
High impedance
C
D
Q
S
RESET instruction
RSTEN instruction
MS55473V1
RSTEN and RESET instructions are understood in Deep power-down mode.
When the device is in Deep Power mode or Standby mode, a Software reset command can be decoded and
executed. In this case, the device is reset, and after tRST1 or tRST2 it enters in Standby mode, ready to accept all
instructions.
When the device is executing a modify operation (including Write Status register command) a Software reset
command can be decoded and executed. In this case either: the ongoing operation is properly completed: the
device is reset it goes in Standby mode, ready to accept all instructions or the ongoing operating does not finish
correctly, the data being processed can be damaged or lost, the device resets and it goes in Standby mode, ready
to accept all instructions.
M95P16-I M95P16-E
Enable reset (66h) and Software reset (99h)
DS13710 - Rev 1
page 40/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com