Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXCS/EF Datasheet(PDF) 3 Page - STMicroelectronics

Part # M95P16-IXCS/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXCS/EF Datasheet(HTML) 3 Page - STMicroelectronics

  M95P16-IXCS/EF Datasheet HTML 1Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 2Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 3Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 4Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 5Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 6Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 7Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 8Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
1
Description
The M95P16-I and M95P16-E (hereinafter referred to complessively as M95P16) are manufactured with ST's
advanced proprietary NVM technology. They offer byte flexibility, page alterability, high page cycling performance,
and ultra low power consumption, equivalent to that of EEPROM technology.
These devices are a 16-Mbit SPI page EEPROM, organized as 4096 programmable pages of 512 bytes each,
accessed through an SPI bus, with high-performance dual- and quad-SPI outputs.
The devices offer two additional (identification) 512-byte pages:
•
the first contains identification data and, upon request, the UID
•
the second can be used to store sensitive application parameters, which can (later) be permanently locked
in read-only mode.
Additional status, configuration and volatile registers set the desired device configuration, while the safety register
provides information on the device status.
The M95P16-I operates with a supply voltage from 1.6 to 3.6 V, over an ambient temperature range of
‑40 °C to
+85 °C. The M95P16-E offers an extended temperature range, from
‑40 °C to +105 °C. Both devices support a
clock frequency of up to 80 MHz.
The M95P16 devices offer byte and page write instructions of up to 512 bytes. Write instructions consist in
self-timed auto erase and program operations, resulting in flexible data byte management.
The devices also accept page/block/sector/chip erase commands, to set the memory to an erased state. The
memory can then be fast-programmed by 512-byte pages, and further optimized using the Page program with
buffer load instruction, to hide the SPI communication latency.
Table 1. Signal names
Pad number
Signal name
Function
Direction
1
S
Chip select
Input
2
Q-DQ1
Serial data output / Serial data output 1 for dual / quad
Output
3
W-DQ2
Write protect / Serial data output 2 for quad
Input / Output
4
VSS
Ground
-
5
D-DQ0
Serial data input / Serial data output 0 for dual / quad
Input / Output
6
C
Serial clock
Input
7
HOLD-DQ3
Hold / Serial data output 3 for quad
Input / Output
8
VCC
Supply voltage
-
Figure 1. 8-pin package connections (top view)
MS54388V1
D-DQ0
VSS
C
HOLD-DQ3
Q-DQ1
S
VCC
W-DQ2
M95P16
1
2
3
4
8
7
6
5
M95P16-I M95P16-E
Description
DS13710 - Rev 1
page 3/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com