Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXCS/EF Datasheet(PDF) 18 Page - STMicroelectronics

Part # M95P16-IXCS/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXCS/EF Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M95P16-IXCS/EF Datasheet HTML 14Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 15Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 16Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 17Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 18Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 19Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 20Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 21Page - STMicroelectronics M95P16-IXCS/EF Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
5.2
Configuration and Safety register format
5.2.1
Configuration register
This register can be read with the RDCR instruction in loop mode. The two non-volatile bits DRV[1:0] can be
changed with the WRSR instruction when sending a second data byte. The MSB (b7) is sent first.
Table 7. Configuration register format
b7
b6
b5
b4
b3
b2
b1
b0
x(1)
DRV1
DRV0
x(1)
x(1)
x(1)
x(1)
LID
1. x: Don't care bit.
The non-volatile DRV1 and DRV0 bits determine the output driver strength (RON of the buffer) for the read
operations. The values of DRV1 and DRV0 are given in Table 8.
The non-volatile LID bit determines if the identification page is locked or not. When LID = 0, the page can be
modified by the user. When LID = 1, the page is locked in read-only mode and cannot be changed. The LID
bit can be modified with a WRSR instruction when two data bytes are sent, see Section 6.8 Write Status and
Configuration registers (01h).
Table 8. Output driver strength
DRV1, DRV0
Buffer strength
RON (typical) at 3.3 V / 25 °C
RON (typical) at 1.8 V / 25 °C
0, 0
High
30 Ω
50 Ω
0, 1
Medium
110 Ω
200 Ω
1, 0
Low
175 Ω
300 Ω
1, 1
Default
50 Ω
90 Ω
Note:
The delivered state is with buffer strength "Default".
5.2.2
Safety register
This 8-bit register can be read with the RDCR instruction in loop mode.
All bits are volatile and are read-only. They can be reset with the CLRSF instruction.
Table 9. Safety register format
b7
b6
b5
b4
b3
b2
b1
b0
PAMAF
PUF
ERF
PRF
ECC1C
ECC2C
ECC3D
ECC3DS
Protected array modify attempt flag (PAMAF) bit
This bit indicates whether a modify operation to a protected memory area has been attempted:
•
0: clear
•
1: modify attempt detected
This is a sticky volatile bit that can be reset to 0 only by issuing Clear safety flag instruction. This flag is cleared to
0 after a successful power-up or by a Software reset instruction.
Power-up flag (PUF) bit
This bit indicates if power-up operation was completed successfully:
•
0: successful
•
1: error
This volatile bit is refreshed at each power-up, and after a Software reset instruction. The flag is cleared to 0 by
the Clear safety flag instruction.
M95P16-I M95P16-E
Configuration and Safety register format
DS13710 - Rev 1
page 18/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com